Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM368025S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYM368025S
Description  8M x 36-Bit EDO - DRAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM368025S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYM368025S Datasheet HTML 1Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 2Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 3Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 4Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 5Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 6Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 7Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 8Page - Siemens Semiconductor Group HYM368025S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Semiconductor Group
3
HYM 368025S/GS-50/-60
8M
× 36-Bit EDO-Module
Pin Configuration
Pin Names
Presence Detect Pins
A0-A10
Address Inputs
DQ0-DQ35
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0- RAS3
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-50
-60
PD0
N.C.
N.C.
PD1
V
SS
V
SS
PD2
V
SS
N.C.
PD3
V
SS
N.C.
VSS
1 DQ0
2
DQ18 3 DQ1
4
DQ19 5 DQ2
6
DQ20 7 DQ3
8
DQ21 9 VCC
10
N.C.
11 A0
12
A1
13 A2
14
A3
15 A4
16
A5
17 A6
18
A10
19 DQ4 20
DQ22 21 DQ5 22
DQ23 23 DQ6 24
DQ24 25 DQ7 26
DQ25 27 A7
28
N.C.
29 VCC 30
A8
31 A9
32
RAS3 33 RAS2 34
DQ26 35 DQ8
36
DQ17 37 DQ35 38
VSS
39 CAS0 40
CAS2 41 CAS3 42
CAS1 43 RAS0 44
RAS1 45 N.C. 46
WE
47 N.C. 48
DQ9
49 DQ27 50
DQ10 51 DQ28 52
DQ11 53 DQ29 54
DQ12 55 DQ30 56
DQ13 57 DQ31 58
VCC
59 DQ32 60
DQ14 61 DQ33 62
DQ15 63 DQ34 64
DQ16 65 N.C. 66
PD0
67 PD1 68
PD2
69 PD3 70
N.C.
71 VSS 72


Similar Part No. - HYM368025S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM368020GS-60 SIEMENS-HYM368020GS-60 Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM368020S-60 SIEMENS-HYM368020S-60 Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
More results

Similar Description - HYM368025S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM328025S SIEMENS-HYM328025S Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com