Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM368020S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYM368020S
Description  8M x 36-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM368020S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYM368020S Datasheet HTML 1Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 2Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 3Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 4Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 5Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 6Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 7Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 8Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Semiconductor Group
3
HYM 368020S/GS-60
8M
× 36-Bit
Pin Configuration
Pin Names
Presence Detect Pins
A0-A10
Address Inputs
DQ0-DQ35
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0- RAS3
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-60
PD0
N.C.
PD1
V
SS
PD2
N.C.
PD3
N.C.
VSS
1 DQ0
2
DQ18 3 DQ1
4
DQ19 5 DQ2
6
DQ20 7 DQ3
8
DQ21 9 VCC
10
N.C.
11 A0
12
A1
13 A2
14
A3
15 A4
16
A5
17 A6
18
A10
19 DQ4 20
DQ22 21 DQ5 22
DQ23 23 DQ6 24
DQ24 25 DQ7 26
DQ25 27 A7
28
N.C.
29 VCC 30
A8
31 A9
32
RAS3 33 RAS2 34
DQ26 35 DQ8
36
DQ17 37 DQ35 38
VSS
39 CAS0 40
CAS2 41 CAS3 42
CAS1 43 RAS0 44
RAS1 45 N.C. 46
WE
47 N.C. 48
DQ9
49 DQ27 50
DQ10 51 DQ28 52
DQ11 53 DQ29 54
DQ12 55 DQ30 56
DQ13 57 DQ31 58
VCC
59 DQ32 60
DQ14 61 DQ33 62
DQ15 63 DQ34 64
DQ16 65 N.C. 66
PD0
67 PD1 68
PD2
69 PD3 70
N.C.
71 VSS 72


Similar Part No. - HYM368020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM368025GS-50 SIEMENS-HYM368025GS-50 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025GS-60 SIEMENS-HYM368025GS-60 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025S-50 SIEMENS-HYM368025S-50 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025S-60 SIEMENS-HYM368025S-60 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
More results

Similar Description - HYM368020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com