Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM368020S Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYM368020S
Description  8M x 36-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM368020S Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYM368020S Datasheet HTML 2Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 3Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 4Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 5Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 6Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 7Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 8Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 9Page - Siemens Semiconductor Group HYM368020S Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Semiconductor Group
7
HYM 368020S/GS-60
8M
× 36-Bit
AC Characteristics 5)6)
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-60
min.
max.
common parameters
Random read or write cycle time
tRC
110
ns
RAS precharge time
tRP
40
ns
RAS pulse width
t
RAS
60
10k
ns
CAS pulse width
t
CAS
15
10k
ns
Row address setup time
t
ASR
0–ns
Row address hold time
t
RAH
10
ns
Column address setup time
t
ASC
0–ns
Column address hold time
t
CAH
15
ns
RAS to CAS delay time
t
RCD
20
45
RAS to column address delay time
tRAD
15
30
ns
RAS hold time
tRSH
15
ns
CAS hold time
tCSH
60
ns
CAS to RAS precharge time
tCRP
5–ns
Transition time (rise and fall)
tT
350
ns
7
Refresh period
tREF
–32
ms
Read Cycle
Access time from RAS
tRAC
60
ns
8, 9
Access time from CAS
tCAC
15
ns
8, 9
Access time from column address
t
AA
30
ns
8,10
Column address to RAS lead time
t
RAL
30
ns
Read command setup time
t
RCS
0–ns
Read command hold time
t
RCH
0–ns
11
Read command hold time referenced to
RAS
t
RRH
0–ns
11
CAS to output in low-Z
t
CLZ
0–ns
8
Output buffer turn-off delay
t
OFF
015
ns
12


Similar Part No. - HYM368020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM368025GS-50 SIEMENS-HYM368025GS-50 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025GS-60 SIEMENS-HYM368025GS-60 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025S-50 SIEMENS-HYM368025S-50 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368025S-60 SIEMENS-HYM368025S-60 Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
More results

Similar Description - HYM368020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com