Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM364025S-50 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYM364025S-50
Description  4M x 36-Bit EDO - DRAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM364025S-50 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYM364025S-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM364025S-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Semiconductor Group
5
HYM 364025S/GS-50/-60
4M
× 36-Bit EDO-Module
Absolute Maximum Ratings
Operation temperature range .........................................................................................
0 to + 70 °C
Storage temperature range.........................................................................................
– 55 to 125 °C
Input/output voltage ............................................................................ –0.5V to min (Vcc+0.5, 7.0) V
Power supply voltage......................................................................................................
– 1 to +7V
Power dissipation.....................................................................................................................
8.7 W
Data out current (short circuit) ................................................................................................50 mA
Note:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C, VCC = 5 V ± 10 %
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Input high voltage
V
IH
2.4
Vcc+0.5
V
1)
Input low voltage
V
IL
– 0.5
0.8
V
1)
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
V
1)
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1)
Input leakage current
(0 V <
V
IN < 6.5 V, all other pins = 0 V)
I
I(L)
–20
20
µA1)
Output leakage current
(DO is disabled, 0 V <
V
OUT < 5.5 V)
I
O(L)
–10
10
µA1)
Average
V
CC supply current
(RAS, CAS, address cycling,
t
RC = tRC min)
50 ns - Version
60 ns - Version
I
CC1
1240
1120
mA
mA
2) 3) 4)
Standby
V
CC supply current
(RAS = CAS =
V
IH)
I
CC2
–16
mA
Average
V
CC supply current
during RAS only refresh cycles
(RAS cycling, CAS =
V
IH, tRC = tRC min)
50 ns - Version
60 ns - Version
I
CC3
1240
1120
mA
mA
2) 4)


Similar Part No. - HYM364025S-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364020GS-60 SIEMENS-HYM364020GS-60 Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM364020S-60 SIEMENS-HYM364020S-60 Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
More results

Similar Description - HYM364025S-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
logo
Hynix Semiconductor
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com