Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS1347_1202 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. DS1347_1202
Description  Low-Current, SPI-Compatible Real-Time Clock
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

DS1347_1202 Datasheet(HTML) 7 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Detailed Description
The DS1347 is a real-time clock/calendar with an SPI-
compatible interface and 31 x 8 bits of SRAM. It pro-
vides seconds, minutes, hours, day of the week, date of
the month, month, and year information, held in seven
8-bit timekeeping registers (see the
Functional
Diagram). An on-chip 32.768kHz oscillator circuit
requires only a single external crystal to operate. Table
1 shows the device’s register addresses and defini-
tions. Time and calendar data are stored in the regis-
ters in binary-coded decimal (BCD) format. A polled
alarm function is included for scheduled timing of user-
defined times or intervals.
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
01h
0
10 SECONDS
SECONDS
Seconds
00–59
03h
ALM
OUT
10 MINUTES
MINUTES
Minutes
00–59
AM/PM
05h
12/
24
0
20 HR
10 HR
HOUR
Hours
1–12+
AM/PM
00–23
07h
0
0
10 DATE
DATE
Date
01–31
09h
0
0
0
10 MO
MONTH
Month
01–12
0Bh
0
0
0
0
0
DAY
Day
1–7
0Dh
10 YEAR
YEAR
Year
00–99
0Fh
WP
0
0
0
0
0
0
ID
Control
00h or 81h
13h
1000 YEAR
100 YEAR
Century
00–99
15h
0
YEAR
DAY
MONTH
DATE
HOUR
MINUTE SECOND
Alarm
Configuration
00h–7Fh
17h
EOSC
DOSF
EGFIL
0
0
OSF
1
1
Status
03h–E7h
19h
0
10 SECONDS
SECONDS
Alarm Seconds
00–59
1Bh
0
10 MINUTES
MINUTES
Alarm Minutes
00–59
AM/PM
1Dh
12/
24
0
20 HR
10 HR
HOURS
Alarm Hours
1–12 +
AM/PM
00–23
1Fh
0
0
10 DATE
DATE
Alarm Date
1–31
21h
0
0
0
10 MO
MONTH
Alarm Month
1–12
23h
0
0
0
0
0
DAY
Alarm Day
1–7
25h
10 YEAR
YEAR
Alarm Year
00–99
3Fh
See the Data Input (Burst Write) section.
Clock Burst
41h
X
X
X
X
X
X
X
X
RAM 0
00h–FFh
43h
X
X
X
X
X
X
X
X
RAM 1
00h–FFh
45h
X
X
X
X
X
X
X
X
RAM 2
00h–FFh
47h
X
X
X
X
X
X
X
X
RAM 3
00h–FFh
49h
X
X
X
X
X
X
X
X
RAM 4
00h–FFh
4Bh
X
X
X
X
X
X
X
X
RAM 5
00h–FFh
4Dh
X
X
X
X
X
X
X
X
RAM 6
00h–FFh
4Fh
X
X
X
X
X
X
X
X
RAM 7
00h–FFh
51h
X
X
X
X
X
X
X
X
RAM 8
00h–FFh
53h
X
X
X
X
X
X
X
X
RAM 9
00h–FFh
55h
X
X
X
X
X
X
X
X
RAM 10
00h–FFh
Table 1. Register Map
Low-Current, SPI-Compatible Real-Time Clock
_______________________________________________________________________________________
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn