Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM328020S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYM328020S
Description  8M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM328020S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYM328020S Datasheet HTML 1Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 2Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 3Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 4Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 5Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 6Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 7Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 8Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Semiconductor Group
3
HYM 328020S/GS-50/-60
8M
× 32-Bit
Pin Configuration
VSS
1 DQ0
2
DQ16 3 DQ1
4
DQ17 5 DQ2
6
DQ18 7 DQ3
8
DQ19 9 VCC
10
N.C.
11 A0
12
A1
13 A2
14
A3
15 A4
16
A5
17 A6
18
A10
19 DQ4 20
DQ20 21 DQ5 22
DQ21 23 DQ6 24
DQ22 25 DQ7 26
DQ23 27 A7
28
N.C
29 VCC 30
A8
31 A9
32
RAS3 33 RAS2 34
N.C.
35 N.C.
36
N.C.
37 N.C. 38
VSS
39 CAS0 40
CAS2 41 CAS3 42
CAS1 43 RAS0 44
RAS1 45 N.C. 46
WE 47 N.C. 48
DQ8
49 DQ24 50
DQ9
51 DQ25 52
DQ10 53 DQ26 54
DQ11 55 DQ27 56
DQ12 57 DQ28 58
VCC
59 DQ29 60
DQ13 61 DQ30 62
DQ14 63 DQ31 64
DQ15 65 N.C. 66
PD0
67 PD1 68
PD2
69 PD3 70
N.C.
71 VSS 72
Pin Names
Presence Detect Pins
A0-A10
Address Inputs
DQ0-DQ31
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0- RAS3
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-50
-60
PD0
N.C.
N.C.
PD1
V
SS
V
SS
PD2
V
SS
N.C.
PD3
V
SS
N.C.


Similar Part No. - HYM328020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM328020GD-50 SIEMENS-HYM328020GD-50 Datasheet
28Kb / 6P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM328020GD-60 SIEMENS-HYM328020GD-60 Datasheet
28Kb / 6P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
More results

Similar Description - HYM328020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM328000GD- SIEMENS-HYM328000GD- Datasheet
31Kb / 8P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM328020GD-50 SIEMENS-HYM328020GD-50 Datasheet
28Kb / 6P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com