Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM328020S Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYM328020S
Description  8M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM328020S Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYM328020S Datasheet HTML 1Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 2Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 3Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 4Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 5Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 6Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 7Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 8Page - Siemens Semiconductor Group HYM328020S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Semiconductor Group
1
8M
× 32-Bit Dynamic RAM Module
HYM 328020S/GS-50/-60
SIMM modules with 8 388 608 words by 32-bit organization
for PC main memory applications
Fast access and cycle time
50 ns access time
90 ns cycle time (-50 version)
60 ns access time
110 ns cycle time (-60 version)
Fast page mode capability
35 ns cycle time (-50 version)
40 ns cycle time (-60 version)
Single + 5 V (
± 10 %) supply
Low power dissipation
max. 5280 mW active (-50 version)
max. 4840 mW active (-60 version)
CMOS – 88 mW standby
TTL
–176 mW standby
CAS-before-RAS refresh
RAS-only-refresh
Hidden-refresh
16 decoupling capacitors mounted on substrate
All inputs, outputs and clocks fully TTL compatible
72 pin Single in-Line Memory Module (L-SIM-72) with 25.40 mm height
Utilizes sixteen 4Mx4-DRAMs in SOJ packages
2048 refresh cycles / 32 ms
Optimized for use in byte-write non-parity applications
Tin-Lead contact pads (S- version)
Gold contact pads (GS -version)
1.96


Similar Part No. - HYM328020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM328020GD-50 SIEMENS-HYM328020GD-50 Datasheet
28Kb / 6P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM328020GD-60 SIEMENS-HYM328020GD-60 Datasheet
28Kb / 6P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
More results

Similar Description - HYM328020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM328000GD- SIEMENS-HYM328000GD- Datasheet
31Kb / 8P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM328020GD-50 SIEMENS-HYM328020GD-50 Datasheet
28Kb / 6P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com