Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM328020GD-50 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYM328020GD-50
Description  8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM328020GD-50 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYM328020GD-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM328020GD-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM328020GD-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM328020GD-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM328020GD-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM328020GD-50 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
199
HYM328020GD-50/-60
8M x 32 SO-DIMM
Average
Vcc supply current,
during fast page mode:
-50 ns version
-60 ns version
(RAS =
V
IL, CAS, address cycling: tPC=tPC min.)
ICC4
340
300
mA
mA
3) 4) 5)
Standby Vcc supply current
(RAS=CAS=
Vcc-0.2V)
I
CC5
800
A
Average Vcc supply current, during CAS-before-
RAS refresh mode:
-50 ns version
-60 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
560
480
mA
mA
3) 4)
Self Refresh Current
Average Power Supply Current during Self Refresh.
(CBR cycle with tRAS>TRASSmin, CAS held low,
WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
800
A
DC Characteristics (cont’d)
T
A = 0 to 70 ˚C, VSS = 0 V, VCC = 3 V ± 0.3 V
Parameter
Symbol
Limit Values
Unit Note
min.
max.


Similar Part No. - HYM328020GD-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM328020GS-50 SIEMENS-HYM328020GS-50 Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM328020GS-60 SIEMENS-HYM328020GS-60 Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
More results

Similar Description - HYM328020GD-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM328000GD- SIEMENS-HYM328000GD- Datasheet
31Kb / 8P
   8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM324000GD-50 SIEMENS-HYM324000GD-50 Datasheet
27Kb / 6P
   4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com