Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM324020S-70 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYM324020S-70
Description  4M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM324020S-70 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYM324020S-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYM324020S-70 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
571
09.94
4M x 32-Bit Dynamic RAM Module
Preliminary Information
HYM 324020S/GS-60/-70
4 194 304 words by 32-bit organization
(alternative 8 388 608 words by 16-bit)
Fast access and cycle time
60 ns access time
110 ns cycle time (-60 version)
70 ns access time
130 ns cycle time (-70 version)
Fast page mode capability
40 ns cycle time (-60 version)
45 ns cycle time (-70 version)
Single + 5 V (
± 10 %) supply
Low power dissipation
max. 4840 mW active
(HYM 324020S/GS-60)
max. 4400 mW active
(HYM 324020S/GS-70)
CMOS – 44 mW standby
TTL
– 88 mW standby
Ordering Information
Type
Ordering Code
Package
Description
HYM 324020S-60
Q67100-Q979
L-SIM-72-12
DRAM Module
(access time 60 ns)
HYM 324020S-70
Q67100-Q980
L-SIM-72-12
DRAM Module
(access time 70 ns)
HYM 324020GS-60
Q67100-Q2005
L-SIM-72-12
DRAM Module
(access time 60 ns)
HYM 324020GS-70
on request
L-SIM-72-12
DRAM Module
(access time 70 ns)
CAS-before-RAS refresh
RAS-only-refresh
Hidden-refresh
8 decoupling capacitors mounted on
substrate
All inputs, outputs and clocks fully TTL
compatible
72 pin Single in-Line Memory Module with
22.86 mm (900 mil) height
Utilizes eight 4Mx4-DRAMs in 300mil wide
SOJ-packages
2048 refresh cycles / 32 ms
Tin-Lead contact pads (S - version)
Gold contact pads (GS - version)


Similar Part No. - HYM324020S-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM324020S-50 SIEMENS-HYM324020S-50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM324020S-60 SIEMENS-HYM324020S-60 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results

Similar Description - HYM324020S-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM324000GD-50 SIEMENS-HYM324000GD-50 Datasheet
27Kb / 6P
   4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com