Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM322035S-70 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYM322035S-70
Description  2M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM322035S-70 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYM322035S-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYM322035S-70 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Semiconductor Group
5
HYM 322035S/GS-50/-60/-70
2M
× 32-Bit EDO-Module
Absolute Maximum Ratings
Operation temperature range ......................................................................................... 0 to + 70 °C
Storage temperature range......................................................................................... – 55 to 125 °C
Input/output voltage ............................................................................–0.5V to min (Vcc+0.5, 7.0) V
Power supply voltage...................................................................................................... – 1 to +7 V
Power dissipation..................................................................................................................... 4.2 W
Data out current (short circuit) ................................................................................................50 mA
Note:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C, VCC = 5 V ± 10 %
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Input high voltage
V
IH
2.4
Vcc+0.5
V
1)
Input low voltage
V
IL
–0.5
0.8
V
1)
Output high voltage (
I
OUT = –5mA)
V
OH
2.4
V
1)
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1)
Input leakage current
(0 V <
V
IN < 6.5 V, all other pins = 0 V)
I
I(L)
–10
10
µA
1)
Output leakage current
(DO is disabled, 0 V <
V
OUT < 5.5 V)
I
O(L)
–10
10
µA
1)
Average
V
CC supply current
(RAS, CAS, address cycling,
t
RC = tRC min)
-50 version
-60 version
-70 version
I
CC1
480
440
400
mA
mA
mA
2),3),4)
Standby
V
CC supply current
(RAS = CAS =
V
IH)
I
CC2
–8mA
Average
V
CC supply current
during RAS only refresh cycles
(RAS cycling, CAS =
V
IH, tRC = tRC min)
-50 version
-60 version
-70 version
I
CC3
480
440
400
mA
mA
mA
2), 4)


Similar Part No. - HYM322035S-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322030GS-50 SIEMENS-HYM322030GS-50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-60 SIEMENS-HYM322030GS-60 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-60 SIEMENS-HYM322030GS-60 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-70 SIEMENS-HYM322030GS-70 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-70 SIEMENS-HYM322030GS-70 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - HYM322035S-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com