Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM322035S-60 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYM322035S-60
Description  2M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM322035S-60 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYM322035S-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM322035S-60 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Semiconductor Group
8
HYM 322035S/GS-50/-60/-70
2M
× 32-Bit EDO-Module
Early Write Cycle
Write command hold time
tWCH
8–10
10
–ns
Write command pulse width
tWP
8–10
10
–ns
Write command setup time
tWCS
0–0
–0–ns
15
Write command to RAS lead time t
RWL
13
15
17
ns
Write command to CAS lead time tCWL
13
15
17
ns
Data setup time
tDS
0–0
–0–ns
16
Data hold time
tDH
8–10
12
–ns
16
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle
time
tHPC
20
25
30
ns
CAS precharge time
tCP
8–10
10
–ns
Access time from CAS precharge
tCPA
–27
32
–37
ns
7
Output data hold time
tCOH
5–5
–5–ns
RAS pulse width in EDO mode
tRAS
50
200k
60
200k
70
200k
ns
CAS precharge to RAS Delay
tRHPC
27
32
37
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
10
10
10
ns
CAS hold time
tCHR
10
10
10
ns
RAS to CAS precharge time
tRPC
5–5
–5–ns
Write to RAS precharge time
tWRP
10
10
10
ns
Write hold time referenced to RAS t
WRH
10
10
10
ns
AC Characteristics (cont’d) 5)6)
16E
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYM322035S-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322030GS-50 SIEMENS-HYM322030GS-50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-60 SIEMENS-HYM322030GS-60 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-60 SIEMENS-HYM322030GS-60 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-70 SIEMENS-HYM322030GS-70 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-70 SIEMENS-HYM322030GS-70 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - HYM322035S-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com