Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM322005GS-60 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYM322005GS-60
Description  2M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM322005GS-60 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYM322005GS-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM322005GS-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Semiconductor Group
3
HYM 322005S/GS-50/-60
2M
× 32-Bit EDO-Module
Pin Configuration
Pin Names
Presence Detect Pins
A0-A9
Address Inputs
DQ0-DQ31
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0 - RAS3
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-50
-60
PD0
N.C.
N.C.
PD1
N.C.
N.C
PD2
V
SS
N.C.
PD3
V
SS
N.C.
VSS
1 DQ0
2
DQ16
3 DQ1
4
DQ17
5 DQ2
6
DQ18
7 DQ3
8
DQ19
9 VCC
10
N.C.
11 A0
12
A1
13 A2
14
A3
15 A4
16
A5
17 A6
18
N.C.
19 DQ4 20
DQ20
21 DQ5 22
DQ21
23 DQ6 24
DQ22
25 DQ7 26
DQ23
27 A7
28
N.C.
29 VCC 30
A8
31 A9
32
RAS3
33 RAS2 34
N.C.
35 N.C. 36
N.C.
37 N.C. 38
VSS
39 CAS0 40
CAS2
41 CAS3 42
CAS1
43 RAS0 44
RAS1
45 N.C. 46
WE
47 N.C. 48
DQ8
49 DQ24 50
DQ9
51 DQ25 52
DQ10
53 DQ26 54
DQ11
55 DQ27 56
DQ12
57 DQ28 58
VCC
59 DQ29 60
DQ13
61 DQ30 62
DQ14
63 DQ31 64
DQ15
65 N.C. 66
PD0
67 PD1 68
PD2
69 PD3 70
N.C.
71 VSS 72


Similar Part No. - HYM322005GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322030GS-50 SIEMENS-HYM322030GS-50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-60 SIEMENS-HYM322030GS-60 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-60 SIEMENS-HYM322030GS-60 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-70 SIEMENS-HYM322030GS-70 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030GS-70 SIEMENS-HYM322030GS-70 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - HYM322005GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com