Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM321005S-60 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYM321005S-60
Description  1M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM321005S-60 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYM321005S-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM321005S-60 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Semiconductor Group
7
HYM 321005S/GS-50/-60
1M
× 32-Bit EDO-Module
AC Characteristics 5)6)
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.
common parameters
Random read or write cycle time
t
RC
84
104
ns
RAS precharge time
t
RP
30
40
ns
RAS pulse width
t
RAS
50
10k
60
10k
ns
CAS pulse width
t
CAS
8
10k
10
10k
ns
Row address setup time
tASR
0–
0–
ns
Row address hold time
tRAH
8–
10
ns
Column address setup time
tASC
0–
0–
ns
Column address hold time
tCAH
8–
10
ns
RAS to CAS delay time
tRCD
12
37
14
45
ns
RAS to column address delay time
tRAD
10
25
12
30
ns
RAS hold time
tRSH
13
15
ns
CAS hold time
tCSH
40
50
ns
CAS to RAS precharge time
tCRP
5–
5–
ns
Transition time (rise and fall)
tT
1
50
1
50
ns
7
Refresh period
t
REF
–16
16
ms
Read Cycle
Access time from RAS
t
RAC
50
60
ns
8, 9
Access time from CAS
t
CAC
13
15
ns
8, 9
Access time from column address
t
AA
25
30
ns
8,10
Column address to RAS lead time
t
RAL
25
30
ns
Read command setup time
t
RCS
0–
0–
ns
Read command hold time
tRCH
0–
0–
ns
11
Read command hold time referenced to
RAS
tRRH
0–
0–
ns
11
CAS to output in low-Z
t
CLZ
0–
0–
ns
8
Output buffer turn-off delay
t
OFF
0
13
0
15
ns
12


Similar Part No. - HYM321005S-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321000GS-50 SIEMENS-HYM321000GS-50 Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000GS-60 SIEMENS-HYM321000GS-60 Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000S-50 SIEMENS-HYM321000S-50 Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000S-60 SIEMENS-HYM321000S-60 Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
More results

Similar Description - HYM321005S-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com