Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6765 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX6765
Description  Automotive Micropower Linear Regulators with Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6765 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX6765 Datasheet HTML 13Page - Maxim Integrated Products MAX6765 Datasheet HTML 14Page - Maxim Integrated Products MAX6765 Datasheet HTML 15Page - Maxim Integrated Products MAX6765 Datasheet HTML 16Page - Maxim Integrated Products MAX6765 Datasheet HTML 17Page - Maxim Integrated Products MAX6765 Datasheet HTML 18Page - Maxim Integrated Products MAX6765 Datasheet HTML 19Page - Maxim Integrated Products MAX6765 Datasheet HTML 20Page - Maxim Integrated Products MAX6765 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Automotive Micropower Linear Regulators
with Supervisor
______________________________________________________________________________________
17
Available Output-Current Calculation
The MAX6765–MAX6774B provide up to 100mA of load
current. Package power dissipation limits the amount of
output current available for a given input/output voltage
and ambient temperature. Figures 3 and 4 depict the
maximum power dissipation curve for the MAX6765/
MAX6766 and MAX6767–MAX6774B, respectively. The
graph assumes that the exposed metal pad of the
device package is soldered to a solid 1in2 section of
2oz. PCB copper (JESD51-3 AND JESD51-5). Use
Figure 4 to determine the allowable package dissipa-
tion for a given ambient temperature. Alternately, use
the following formula to calculate the allowable pack-
age dissipation:
PDMAX = Max. Power Dissip = 1.951W, for TA ≤ +70°C
PDMAX = Max. Power Dissip = [1.9W - 0.0244W x
(TA - 70°C)], for +70°C < TA ≤ +125°C
where 0.0244W is the MAX6767–MAX6774B package
thermal derating in W/°C and TA is the ambient tempera-
ture in °C, under the same conditions used for Figure 4.
After determining the allowable package dissipation,
calculate the maximum output current using the follow-
ing formula:
PD < PDMAX where PD = [(VIN - VOUT) x IOUT]
Also, IOUT should be ≤ 100mA in any case.
Selecting Timeout Capacitor
The reset timeout period is adjustable to accommodate
a variety of µP applications. Adjust the reset timeout
period by connecting a capacitor between TIMEOUT
and GND.
tRP = CTIMEOUT x 1.22 x 106Ω (L/M/T/S options)
tRP = CTIMEOUT x 1.17 x 106Ω (V/W/Y/Z options)
where tRP is in seconds and CTIMEOUT is in Farads.
Connect TIMEOUT to OUT to select the internally fixed
timeout period. CTIMEOUT must be a low-leakage
(< 10nA) type capacitor. Ceramic capacitors are
recommended; do not use capacitor values lower than
100pF to avoid the influence of parasitic capacitances.
Capacitor Selection and
Regulator Stability
For stable operation over the full temperature range and
with load currents up to 100mA, use a 10µF (min) output
capacitor with an ESR < 0.5
Ω. To reduce noise and
improve load-transient response, stability, and power-
supply rejection, use larger output-capacitor values.
Some ceramic dielectrics exhibit large capacitance
and ESR variation with temperature. For dielectric
capacitors such as Z5U and Y5V, use more capaci-
tance to ensure stability at low temperatures. With X7R
or X5R dielectrics, 10µF should be sufficient at all oper-
ating temperatures. For higher-ESR tantalum capaci-
tors, use larger capacitor values to maintain stability. To
improve power-supply rejection and transient
response, use a larger capacitor than the minimum
0.1µF capacitor between IN and GND.
TEMPERATURE (
°C)
140
120
80
100
40
60
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
0
160
DERATE 23.8mW/
°C
ABOVE +70
°C
1.904W
SAFE OPERATING
AREA
TEMPERATURE (
°C)
140
120
80
100
40
60
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
0
160
DERATE 24.4mW/
°C
ABOVE +70
°C
1.951W
SAFE OPERATING
AREA
Figure 3. Maximum Power Dissipation vs. Temperature
(MAX6765/MAX6766)
Figure 4. Maximum Power Dissipation vs. Temperature
(MAX6767–MAX6774B)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn