Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6765 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX6765
Description  Automotive Micropower Linear Regulators with Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6765 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6765 Datasheet HTML 3Page - Maxim Integrated Products MAX6765 Datasheet HTML 4Page - Maxim Integrated Products MAX6765 Datasheet HTML 5Page - Maxim Integrated Products MAX6765 Datasheet HTML 6Page - Maxim Integrated Products MAX6765 Datasheet HTML 7Page - Maxim Integrated Products MAX6765 Datasheet HTML 8Page - Maxim Integrated Products MAX6765 Datasheet HTML 9Page - Maxim Integrated Products MAX6765 Datasheet HTML 10Page - Maxim Integrated Products MAX6765 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Automotive Micropower Linear Regulators
with Supervisor
_______________________________________________________________________________________
7
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
0.1
1k
10k
100k
10
1
100
1M
0.9980
0.9990
0.9985
1.0000
0.9995
1.0005
1.0010
1.0015
1.0020
420
28
12
36
44
52
60
68
NORMALIZED OUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 3.3V
OUT
(AC-COUPLED)
200mV/div
IOUT
100mA/div
LOAD-TRANSIENT RESPONSE
MAX6765 toc19
100ms/div
VOUT = 5V
OUT
(AC-COUPLED)
1V/div
VIN
10V/div
LINE-TRANSIENT RESPONSE
MAX6765 toc20
400
µs/div
VOUT = 5V
OUT
(AC-COUPLED)
1V/div
VIN
20V/div
LINE-TRANSIENT RESPONSE
MAX6765 toc21
400
µs/div
VOUT = 5V
0
2
1
3
4
5
6
7
8
9
10
11
40
80
OUTPUT CAPACITOR SERIES RESISTANCE
vs. LOAD CURRENT
LOAD CURRENT (mA)
060
20
100
STABLE OPERATING
REGION
Typical Operating Characteristics (continued)
(VIN = 14V, COUT = 10µF, CIN = 0.1µF, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn