Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB514405BJ-60 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYB514405BJ-60
Description  1M x 4-Bit Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514405BJ-60 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYB514405BJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514405BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Semiconductor Group
5
HYB 514405BJ/BJL-50/-60/-70
1M x 4 EDO - DRAM
Absolute Maximum Ratings
Operating temperature range ............................................................................................0 to 70 ˚C
Storage temperature range......................................................................................– 55 to + 150 ˚C
Input/output voltage ........................................................................................................ – 1 to + 7 V
Power Supply voltage ..................................................................................................... – 1 to + 7 V
Data out current (short circuit) ................................................................................................ 50 mA
Note:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 ˚C, VSS = 0 V, VCC = 5 V ± 10 %, tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
ih
2.4
V
CC + 0.5
V
1)
Input low voltage
V
il
– 1.0
0.8
V
1)
Output high voltage (
I
OUT = – 5 mA)
V
oh
2.4
V
1)
Output low voltage (
I
OUT = 4.2 mA)
V
ol
0.4
V
1)
Input leakage current, any input
(0 V <
V
in < 7, all other input = 0 V)
I
I(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 <
V
OUT < VCC)
I
o(L)
– 10
10
µA
1)
Average
V
CC supply current
-50 version
-60 version
-70 version
I
CC1
120
110
100
mA
2) 3)4)
Standby
V
CC supply current
(RAS = CAS = WE =
V
ih)
I
CC2
–2mA
Average
V
CC supply current during RAS-only
refresh cycles
-50 version
-60 version
-70 version
I
CC3
120
110
100
mA
2)4)
Average
V
CC supply current during hyper page
mode(EDO) operation
-50 version
-60 version
-70 version
I
CC4
100
90
80
mA
2) 3)4)
Standby
V
CC supply current
(RAS = CAS = WE =
V
CC – 0.2 V)
I
CC5
–1
200
mA
µA
1)
L-version


Similar Part No. - HYB514405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-60 SIEMENS-HYB514400BJ-60 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
More results

Similar Description - HYB514405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com