Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB314265BJ-45 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB314265BJ-45
Description  256K x 16-Bit EDO-Dynamic RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB314265BJ-45 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB314265BJ-45 Datasheet HTML 3Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 4Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 5Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 6Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 7Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 8Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 9Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 10Page - Siemens Semiconductor Group HYB314265BJ-45 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
HYB 5(3)14265BJ(L)-400/-40/-45/-50
256K x 16 EDO-DRAM
Semiconductor Group
7
Capacitance
T
A = 0 to 70 °C;
f = 1 MHz
Average
V
CC supply current during
RAS-only refresh cycles:
-45 version
-50 version
I
CC3
105
95
mA
2, 4
Average
V
CC supply current during hyper page
mode (EDO) operation:
-45 version
-50 version
I
CC4
75
65
mA
2, 3, 4
Standby
V
CC supply current
(RAS = LCAS = UCAS = WE = VCC – 0.2 V)
I
CC5
–1mA
1
Standby
V
CC supply current (L-version only)
(RAS = LCAS = UCAS = WE = VCC – 0.2 V)
I
CC5
200
µA
1
Average
V
CC supply current during CAS-
before-RAS refresh mode:
-45 version
-50 version
I
CC6
105
95
mA
2, 4
Self Refresh Current (L-version only)
CBR cycle with RAS >trasss(min), CAS held low;
WE =
V
CC – 0.2 V,
Addresses and Din =
V
CC – 0.2 V or 0.2 V
I
CC7
250
µA
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A8)
C
I1
–5pF
Input capacitance (RAS, UCAS, LCAS, WE, OE)
C
I2
–7pF
Output capacitance (l/O1 to l/O16)
C
IO
–7pF
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.


Similar Part No. - HYB314265BJ-45

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314100BJ-50 SIEMENS-HYB314100BJ-50 Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB314100BJ-60 SIEMENS-HYB314100BJ-60 Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB314100BJ-70 SIEMENS-HYB314100BJ-70 Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB314100BJL-50 SIEMENS-HYB314100BJL-50 Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
More results

Similar Description - HYB314265BJ-45

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com