Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2870ETJ+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2870ETJ+
Description  23.5MHz to 6000MHz Fractional nteger-N Synthesizer/VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2870ETJ+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2870ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX2870
23.5MHz to 6000MHz Fractional/
Integer-N Synthesizer/VCO
Typical Operating Characteristics Testing Conditions Table
TOC TITLE
fREF
(MHz)
fPFD
(MHz)
REGISTER
SETTINGS
(hex)
TOC
TITLE
MAX2870 EV KIT COMPONENT VALUES
COMMENTS
C13
(F)
R1 + R2
(I)
C14
(F)
R0
(I)
C12
(F)
2679.4MHz
FRACTIONAL-N
PHASE NOISE vs.
FREQUENCY
(LOW-NOISE MODE)
50
25
00358160,
203207D1,
01005E42,
B20000A3,
6010003C,
00400005
40k
0.1F
120
0.012F
250
820p
2679.4MHz
FRACTIONAL-N
PHASE NOISE vs.
FREQUENCY
(LOW-SPUR MODE)
25
00358160,
203207D1,
41005E42,
B20000A3,
6010003C,
00400005
40k
0.1F
120
0.012F
250
820p
SUPPLY CURRENT
vs. OUTPUT POWER
SETTING
(ONE CHANNEL
ACTIVE, 3GHz)
50
25
003C0000,
20000321,
01005E42,
00000013,
610F423C,
01400005,
APWR swept
from 00 to 11
SUPPLY CURRENT
vs. FREQUENCY
(ONE CHANNEL
ACTIVE, MAXIMUM
OUTPUT POWER)
50
25
003C0000,
20000321,
01005E42,
00000013,
610F423C,
01400005
N and F values
changed for
each frequency
SUPPLY CURRENT
vs. OUTPUT POWER
SETTING (TWO
CHANNELS ACTIVE)
50
25
003C0000,
20000321,
01005E42,
00000013,
610F43FC,
01400005
APWR and
BPWR swept
from 00 to 11
SUPPLY CURRENT
vs. FREQUENCY
(TWO CHANNELS
ACTIVE MAXIMUM
OUTPUT POWER)
50
25
003C0000,
20000321,
01005E42,
00000013,
610F43FC,
01400005
N and F values
swept for each
frequency
PLL LOCK vs. TIME
40
40
00250120,
20320141,
00004042,
000000A3,
0184023C,
01400005
40k
0.1F
120
0.012F
250
820p
CDM changed
from 00 to 01


Similar Part No. - MAX2870ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
2Mb / 24P
   23.5MHz to 6000MHz Fractional Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
1Mb / 24P
   23.5MHz to 6000MHz Fractional/Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
998Kb / 25P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2017
More results

Similar Description - MAX2870ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2870 MAXIM-MAX2870_V01 Datasheet
998Kb / 25P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2017
MAX2870 MAXIM-MAX2870_12 Datasheet
1Mb / 24P
   23.5MHz to 6000MHz Fractional/Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2870_V1 MAXIM-MAX2870_V1 Datasheet
2Mb / 24P
   23.5MHz to 6000MHz Fractional Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2871 MAXIM-MAX2871_V01 Datasheet
1Mb / 30P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2020
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Linear Technology
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
   Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
logo
Hittite Microwave Corpo...
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
665Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com