Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB514400BJ-50 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB514400BJ-50
Description  1M x 4-Bit Dynamic RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514400BJ-50 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB514400BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB514400BJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HYB 514400BJ-50/-60
1M
× 4 DRAM
Semiconductor Group
6
1998-10-01
Capacitance
T
A = 0 to 70 °C; VCC = 5 V ± 10 %; f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A9)
C
I1
–5
pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7
pF
Output capacitance (IO1 to IO4)
C
IO
–7
pF
AC Characteristics
5, 6
T
A = 0 to 70 °C, VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min. max. min. max.
Common Parameters
Random read or write cycle time
t
RC
95
110
ns
RAS precharge time
t
RP
35
40
ns
RAS pulse width
t
RAS
50
10k
60
10k
ns
CAS pulse width
t
CAS
13
10k
15
10k
ns
Row address setup time
t
ASR
0–
0
ns
Row address hold time
t
RAH
8
10
ns
Column address setup time
t
ASC
0–
0
ns
Column address hold time
t
CAH
10
15
ns
RAS to CAS delay time
t
RCD
18
37
20
45
RAS to column address delay time
t
RAD
13
25
15
30
ns
RAS hold time
t
RSH
13
15
ns
CAS hold time
t
CSH
50
60
ns
CAS to RAS precharge time
t
CRP
5–
5
ns
Transition time (rise and fall)
t
T
3
50
3
50
ns
7
Refresh period
t
REF
16
16
ms
Read Cycle
Access time from RAS
t
RAC
50
60
ns
8, 9
Access time from CAS
t
CAC
13
15
ns
8, 9
Access time from column address
t
AA
25
30
ns
8, 10
OE access time
t
OEA
13
15
ns


Similar Part No. - HYB514400BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
More results

Similar Description - HYB514400BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514405BJ SIEMENS-HYB514405BJ Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com