Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB514175BJ-50 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB514175BJ-50
Description  256k x 16-Bit EDO-DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514175BJ-50 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB514175BJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514175BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
HYB 514175BJ/BJL-50/-55/-60
256k
× 16 EDO-DRAM
Semiconductor Group
2
1998-10-01
The HYB 514175BJ is the new generation dynamic RAM organized as 262 144 words by 16-bit.
The HYB 514175BJ utilizes CMOS silicon gate process as well as advanced circuit techniques to
provide wide operation margins, both internally and for the system user. Multiplexed address inputs
permit the HYB 514175BJ to be packed in a standard plastic 400 mil wide P-SOJ-40-1 package.
This package size provides high system bit densities and is compatible with commonly used
automatic testing and insertion equipment. System oriented features include single + 5 V (
± 10 %)
power supply, direct interfacing with high performance logic device families such as Schottky TTL.
Ordering Information
Type
Ordering Code
Package
Description
HYB 514175BJ-50
Q67100-Q2072
P-SOJ-40-1 400 mil
50 ns 256k
× 16 EDO-DRAM
HYB 514175BJ-55
Q67100-Q2100
P-SOJ-40-1 400 mil
55 ns 256k
× 16 EDO-DRAM
HYB 514175BJ-60
Q67100-Q2073
P-SOJ-40-1 400 mil
60 ns 256k
× 16 EDO-DRAM
Truth Table
RAS
LCAS
UCAS
WE
OE
I/O1 - I/O8
I/O9 - I/O16
Operation
H
L
L
L
L
L
L
L
L
H
H
L
H
L
L
H
L
L
H
H
H
L
L
H
L
L
L
H
H
H
H
H
L
L
L
H
H
H
L
L
L
H
H
H
H
High-Z
High-Z
Dout
High-Z
Dout
Din
Don't care
Din
High-Z
High-Z
High-Z
High-Z
Dout
Dout
Don't care
Din
Din
High-Z
Standby
Refresh
Lower byte read
Upper byte read
Word read
Lower byte write
Upper byte write
Word write
Pin Names
A0 - A8
Address Inputs
RAS
Row Address Strobe
UCAS, LCAS
Column Address Strobe
WE
Read/Write Input
OE
Output Enable
I/O1 -I/O16
Data Input/Output
V
CC
Power Supply (+ 5 V)
V
SS
Ground (0 V)
N.C.
No Connection


Similar Part No. - HYB514175BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514171BJ-50 SIEMENS-HYB514171BJ-50 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-60 SIEMENS-HYB514171BJ-60 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
More results

Similar Description - HYB514175BJ-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com