Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB514171BJ-60 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYB514171BJ-60
Description  256k x 16-Bit Dynamic RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514171BJ-60 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYB514171BJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514171BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
HYB 514171BJ-50/-60
256k
× 16 DRAM
Semiconductor Group
5
1998-10-01
Absolute Maximum Ratings
Operating temperature range ....................................................................................... 0 to + 70
°C
Storage temperature range.................................................................................... – 55 to + 150
°C
Input/output voltage ......................................................................................................... – 1 to 6 V
Power supply voltage........................................................................................................ – 1 to 6 V
Data out current (short circuit) ............................................................................................... 50 mA
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C; VSS = 0 V; VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Input high voltage
V
IH
2.4
V
CC + 0.5
V
1
Input low voltage
V
IL
– 1.0
0.8
V
1
TTL Output high voltage (
I
OUT = – 5.0 mA)
V
OH
2.4
V
1
TTL Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1
Input leakage current, any input
(0 V <
V
IN < VCC + 0.3 V, all other inputs = 0 V)
I
I(L)
– 10
10
µA
1
Output leakage current
(DO is disabled, 0 V <
V
OUT < VCC )
I
O(L)
– 10
10
µA
1
Average
V
CC supply current
-50 version
-60 version
I
CC1
190
170
mA
2, 3, 4
Standby
V
CC supply current
(RAS = LCAS = UCAS = WE =
V
IH)
I
CC2
–2mA
Average
V
CC supply current during
RAS-only refresh cycles
-50 version
-60 version
I
CC3
190
170
mA
2, 4
Average
V
CC supply current during
fast page mode operation
-50 version
-60 version
I
CC4
160
150
mA
2, 3, 4
Standby
V
CC supply current
(RAS = LCAS = UCAS = WE =
V
CC – 0.2 V)
I
CC5
–1mA
1
Average
V
CC supply current during
CAS-before-RAS refresh mode
-50 version
-60 version
I
CC6
190
170
mA
2, 4


Similar Part No. - HYB514171BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514175BJ-50 SIEMENS-HYB514175BJ-50 Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
HYB514175BJ-55 SIEMENS-HYB514175BJ-55 Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
HYB514175BJ-60 SIEMENS-HYB514175BJ-60 Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
More results

Similar Description - HYB514171BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com