Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921Z Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # DS1921Z
Description  High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921Z Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button DS1921Z Datasheet HTML 34Page - Maxim Integrated Products DS1921Z Datasheet HTML 35Page - Maxim Integrated Products DS1921Z Datasheet HTML 36Page - Maxim Integrated Products DS1921Z Datasheet HTML 37Page - Maxim Integrated Products DS1921Z Datasheet HTML 38Page - Maxim Integrated Products DS1921Z Datasheet HTML 39Page - Maxim Integrated Products DS1921Z Datasheet HTML 40Page - Maxim Integrated Products DS1921Z Datasheet HTML 41Page - Maxim Integrated Products DS1921Z Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
DS1921H/Z
38 of 45
STEP 3
In this example, the rollover is disabled and the search condition is set for a high temperature only. The
mission is to start with a delay of 90 (005Ah) minutes and the alarm flags TLF, THF, and TAF are
cleared. This results in the following data to be written to the special function registers:
Address:
20Eh
20Fh
210h
211h
212h
213h
214h
Data:
02h
00h*
00h*
00h*
5Ah
00h
00h
* Writing through address locations 20Fh to 211h is faster than accessing the Mission Start Delay
Register in a separate cycle. The write attempt has no effect on the contents of these registers.
With only a single DS1921H/Z connected to the bus master, the communication of step 3 is as follows:
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
(Reset)
Reset pulse (480μs to 960µs)
RX
(Presence)
Presence pulse
TX
CCh
Issue Skip ROM command
TX
0Fh
Issue Write Scratchpad command
TX
0Eh
TA1, beginning offset = 0Eh
TX
02h
TA2, address = 020Eh
TX
<7 data bytes>
Write 7 bytes of data to scratchpad
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
CCh
Issue Skip ROM command
TX
AAh
Issue Read Scratchpad command
RX
0Eh
Read TA1, beginning offset = 0Eh
RX
02h
Read TA2, address = 020Eh
RX
14h
Read E/S, ending offset = 14h, flags = 0h
RX
<7 data bytes>
Read scratchpad data and verify
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
CCh
Issue Skip ROM command
TX
55h
Issue Copy Scratchpad command
TX
0Eh
TA1
TA2
(AUTHORIZATION CODE)
E/S
TX
02h
TX
13h
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse


Similar Part No. - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921Z DALLAS-DS1921Z Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921Z MAXIM-DS1921Z Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
logo
Dallas Semiconductor
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921Z-F5# MAXIM-DS1921Z-F5# Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
More results

Similar Description - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
   OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
   Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
   Operational temperature range 5°C~45°C
20230616-C
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
   Operational temperature range 5°C~45°C
20231026-A
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
   Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
   Operational temperature range 5°C~45°C
20230503-C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com