Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921Z Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1921Z
Description  High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921Z Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1921Z Datasheet HTML 7Page - Maxim Integrated Products DS1921Z Datasheet HTML 8Page - Maxim Integrated Products DS1921Z Datasheet HTML 9Page - Maxim Integrated Products DS1921Z Datasheet HTML 10Page - Maxim Integrated Products DS1921Z Datasheet HTML 11Page - Maxim Integrated Products DS1921Z Datasheet HTML 12Page - Maxim Integrated Products DS1921Z Datasheet HTML 13Page - Maxim Integrated Products DS1921Z Datasheet HTML 14Page - Maxim Integrated Products DS1921Z Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
DS1921H/Z
11 of 45
BIT DESCRIPTION
BIT(S)
DEFINITION
MIP: Mission in Progress
b5
If this bit reads 1 the DS1921H/Z has been set up for a mission and this
mission is still in progress. A mission is started if the EM bit of the
Control Register (address 20Eh) is 0 and a non-zero value is written to
the Sample Rate Register, address 20Dh. The MIP bit returns from logic
1 to logic 0 when a mission is ended. A mission will end with the first
write attempt (Copy Scratchpad command) to any register in the
address range of 200h to 213h. Alternatively, a mission can be ended by
directly writing to the Status Register and setting the MIP bit to 0. The
MIP bit cannot be set to 1 by writing to the status register.
SIP: Sample in Progress
b4
If this bit reads 1 the DS1921H/Z is currently performing a temperature
conversion as part of a mission in progress. The mission samples occur
on the seconds rollover from 59 to 00. The SIP bit will change from 0 to
1 approximately 250ms before the actual temperature conversion begins
allowing the circuitry of the chip to wake-up. A temperature conversion
including a wake-up phase takes maximum 875ms. During this time
read accesses to the memory pages 17 and higher are permissible but
may reveal invalid data.
TLF: Temperature Low
Flag
b2
Logic 1 in the Temperature Low Flag bit indicates that a temperature
measurement during a mission revealed a temperature equal to or lower
than the value in the Temperature Low Threshold Register. The
Temperature Low Flag can be cleared at any time by writing this bit to 0.
This flag must be cleared before starting a new mission.
THF: Temperature High
Flag
b1
Logic 1 in the Temperature High Flag bit indicates that a temperature
measurement during a mission revealed a temperature equal to or
higher than the value in the Temperature High Threshold Register.
The Temperature High Flag can be cleared at any time by writing this bit
to 0. This flag must be cleared before starting a new mission.
TAF: Timer Alarm Flag
b0
If this bit reads 1, a RTC alarm has occurred (see section
TIMEKEEPING for details). The Timer Alarm Flag can be cleared at any
time by writing this bit to logic 0. Since the timer alarm cannot be
disabled, the TAF flag usually reads 1 during a mission. This flag should
be cleared before starting a new mission.
MISSION TIME STAMP
The Mission Time Stamp indicates the time and date of the first temperature conversion of a mission.
Subsequent temperature conversions will take place as many minutes apart from each other as specified
by the value in the Sample Rate Register. Mission samples occur on minute boundaries.
Mission Time Stamp Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0215h
0
10 Minutes
Single Minutes
0216h
0
12/24
20h.
AM/PM
10h.
Single Hours
0217h
0
0
10 Date
Single Date
0218h
0
0
0
10m.
Single Months
0219h
10 Years
Single Years
MISSION SAMPLES COUNTER
The Mission Samples Counter indicates how many temperature measurements have taken place during
the current mission in progress (if MIP = 1) or during the latest mission (if MIP = 0). The value is stored
as an unsigned 24-bit integer number. This counter is reset through the Clear Memory command.


Similar Part No. - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921Z DALLAS-DS1921Z Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921Z MAXIM-DS1921Z Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
logo
Dallas Semiconductor
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
DS1921Z-F5 DALLAS-DS1921Z-F5 Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921Z-F5# MAXIM-DS1921Z-F5# Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
More results

Similar Description - DS1921Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
   OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
   Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
   Operational temperature range 5°C~45°C
20230616-C
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
   Operational temperature range 5°C~45°C
20231026-A
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
   Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
   Operational temperature range 5°C~45°C
20230503-C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com