Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2431 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2431
Description  1024-Bit, 1-Wire EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2431 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2431 Datasheet HTML 1Page - Maxim Integrated Products DS2431 Datasheet HTML 2Page - Maxim Integrated Products DS2431 Datasheet HTML 3Page - Maxim Integrated Products DS2431 Datasheet HTML 4Page - Maxim Integrated Products DS2431 Datasheet HTML 5Page - Maxim Integrated Products DS2431 Datasheet HTML 6Page - Maxim Integrated Products DS2431 Datasheet HTML 7Page - Maxim Integrated Products DS2431 Datasheet HTML 8Page - Maxim Integrated Products DS2431 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1024-Bit, 1-Wire EEPROM
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IO Voltage Range to GND .......................................-0.5V to +6V
IO Sink Current ...................................................................20mA
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (excluding UCSP, soldering, 10s).....+300°C
Soldering Temperature (reflow)
TO-92 ............................................................................+250°C
AIl other packages, excluding SFN ..............................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Note 2)
2.8
5.25
V
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
0.3
2.2
k
Input Capacitance
CIO
(Notes 4, 5)
1000
pF
Input Load Current
IL
IO pin at VPUP
0.05
6.7
µA
High-to-Low Switching Threshold
VTL
(Notes 5, 6, 7)
0.5
VPUP -
1.8
V
Input Low Voltage
VIL
(Notes 2, 8)
0.5
V
Low-to-High Switching Threshold
VTH
(Notes 5, 6, 9)
1.0
VPUP -
1.0
V
Switching Hysteresis
VHY
(Notes 5, 6, 10)
0.21
1.70
V
Output Low Voltage
VOL
At 4mA (Note 11)
0.4
V
Standard speed, RPUP = 2.2k
5
Overdrive speed, RPUP = 2.2k
2
Recovery Time
(Notes 2,12)
tREC
Overdrive speed, directly prior to reset
pulse; RPUP = 2.2k
5
µs
Standard speed
0.5
5.0
Rising-Edge Hold-Off Time
(Notes 5, 13)
tREH
Overdrive speed
Not applicable (0)
µs
Standard speed
65
Time Slot Duration
(Notes 2, 14)
tSLOT
Overdrive speed
8
µs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Standard speed
480
640
Reset Low Time (Note 2)
tRSTL
Overdrive speed
48
80
µs
Standard speed
15
60
Presence-Detect High Time
tPDH
Overdrive speed
2
6
µs
Standard speed
60
240
Presence-Detect Low Time
tPDL
Overdrive speed
8
24
µs
Standard speed
60
75
Presence-Detect Sample Time
(Notes 2, 15)
tMSP
Overdrive speed
6
10
µs


Similar Part No. - DS2431

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431 MAXIM-DS2431 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431 Datasheet
392Kb / 26P
   1024-Bit, 1-Wire EEPROM Individual Memory Pages Can Be Permanently
Rev 10; 3/11
More results

Similar Description - DS2431

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
   1024-Bit EEPROM iButton
REV: 083006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com