Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921G-F5 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS1921G-F5
Description  Thermochron iButton
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921G-F5 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS1921G-F5 Datasheet HTML 34Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 35Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 36Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 37Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 38Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 39Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 40Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 41Page - Maxim Integrated Products DS1921G-F5 Datasheet HTML 42Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
Thermochron iButton
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits) shown in
the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
42 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2012 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
Added bullet “Water resistant or waterproof if placed inside DS9107 iButton capsule (Exceeds Water
Resistant 3 ATM requirements)”
Deleted “application pending” from UL bullet and safety statement
120407
Added text to Detailed Description section: Note that the initial sealing level of DS1921G achieves
IP56. Aging and use conditions can degrade the integrity of the seal over time, so for applications
with significant exposure to liquids, sprays, or other similar environments, it is recommended to
place the Thermochron in the DS9107 iButton capsule. The DS9107 provides a watertight enclosure
that has been rated to IP68 (See www.maxim-ic.com/AN4126)
1, 2
4/09
Created newer template-style data sheet
All
4/10
Overdrive specifications for tRSTL, tPDL, and tW0L split into range VPUP > 4.5V and full range. New
values for the full range
2–4
4/11
Updated UL certificate reference; deleted
from the tW1L specification in the Electrical Characteristics
table; applied note 13 to the tW0L specification in the Electrical Characteristics table; added more
details to Electrical Characteristics table notes 7, 13, and 14
1, 3, 4
9/11
DS1921G-F5N# part number added to the Ordering Information; branding information updated in the
Pin Configuration
1, 41
3/12
Added terminology updates for consistency with similar products; added more details to the Parasite
Power section
1, 7, 8,
9, 14


Similar Part No. - DS1921G-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G-F5 MAXIM-DS1921G-F5 Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G-F5# MAXIM-DS1921G-F5# Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
DS1921G-F5N# MAXIM-DS1921G-F5N# Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
More results

Similar Description - DS1921G-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
   Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com