Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM7390NS Datasheet(PDF) 1 Page - Analog Power

Part # AM7390NS
Description  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7390NS Datasheet(HTML) 1 Page - Analog Power

  AM7390NS Datasheet HTML 1Page - Analog Power AM7390NS Datasheet HTML 2Page - Analog Power AM7390NS Datasheet HTML 3Page - Analog Power AM7390NS Datasheet HTML 4Page - Analog Power AM7390NS Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7390NS
N-Channel 30-V (D-S) MOSFET
VDS (V)
ID(A)
15.3
13.0
Symbol
Limit
Units
VDS
30
VGS
±20
TA=25°C
15.3
TA=70°C
11.6
IDM
50
IS
5.6
A
TA=25°C
3.5
TA=70°C
2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
35
81
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
PRODUCT SUMMARY
30
rDS(on) (mΩ)
10 @ VGS = 10V
14 @ VGS = 4.5V
Gate-Source Voltage
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DFN3x3-8L
© Preliminary
1
Publication Order Number:
DS_AM7390NS_1A


Similar Part No. - AM7390NS

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7300N ANALOGPOWER-AM7300N Datasheet
335Kb / 5P
   N-Channel 300-V (D-S) MOSFET
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
logo
Analog Power
AM7302N ANALOGPOWER-AM7302N Datasheet
335Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
More results

Similar Description - AM7390NS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com