Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB5118160BSJ-70 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB5118160BSJ-70
Description  1M x 16-Bit Dynamic RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5118160BSJ-70 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB5118160BSJ-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5118160BSJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Semiconductor Group
2
HYB 5118160BSJ-50/-60/-70
1M x 16-DRAM
The HYB 5118160BSJ is a 16 MBit dynamic RAM organized as 1 048 576 words by 16 bits. The
HYB 5118160BSJ utilizes a submicron CMOS silicon gate process technology, as well as advanced
circuit techniques to provide wide operating margins, both internally and for the system user.
Multiplexed address inputs permit the HYB 5118160BSJ to be packaged in a standard SOJ 42
400 mil plastic package. These packages provide high system bit densities and are compatible with
commonly used automatic testing and insertion equipment. System-oriented features include single
+ 5 V (
± 10 %) power supply, direct interfacing with high-performance logic device families such as
Schottky TTL.
Ordering Information
Pin Names
Type
Ordering Code
Package
Descriptions
HYB 5118160BSJ-50
Q67100-Q1072
P-SOJ-42-1 400 mil DRAM (access time 50 ns)
HYB 5118160BSJ-60
Q67100-Q1073
P-SOJ-42-1 400 mil DRAM (access time 60 ns)
HYB 5118160BSJ-70
Q67100-Q1074
P-SOJ-42-1 400 mil DRAM (access time 70 ns)
A0 to A9
Row Address Inputs
A0 to A9
Column Addess Inputs
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O16
Data Input/Output
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
WE
Read/Write Input
V
CC
Power Supply (+ 5 V)
VSS
Ground (0 V)
N.C.
not connected


Similar Part No. - HYB5118160BSJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-60 SIEMENS-HYB5118160BSJ-60 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results

Similar Description - HYB5118160BSJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514405BJ SIEMENS-HYB514405BJ Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com