Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM7321P Datasheet(PDF) 1 Page - Analog Power

Part # AM7321P
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7321P Datasheet(HTML) 1 Page - Analog Power

  AM7321P Datasheet HTML 1Page - Analog Power AM7321P Datasheet HTML 2Page - Analog Power AM7321P Datasheet HTML 3Page - Analog Power AM7321P Datasheet HTML 4Page - Analog Power AM7321P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AM7321P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7321_B
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
P-Channel 20-V (D-S) MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
DFN3x3-8PP saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
VDS (V)
rDS(on) m( )
ID (A)
14 @ VGS = -4.5V
-13
19 @ VGS = -2.5V
-12
PRODUCT SUMMARY
-20
Symbol Maximum Units
VDS
-20
VGS
±8
TA=25
o
C
-13
TA=70
o
C
-11
IDM
±50
IS
-2.1
A
TA=25
o
C
3.5
TA=70
o
C
2.0
TJ, Tstg
-55 to 150
o
C
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parame te r
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
S
S
S
G
1
2
3
4
DFN3x3-8PP
Top View
D
D
D
D
8
7
6
5
S
D
G
P-Channel MOSFET
Symbol
Maximum
Units
t <=10 sec
35
o
C/W
Steady State
81
o
C/W
THERMALRESISTANCERATINGS
Parameter
MaximumJunction-to-Ambient
a
RθJA


Similar Part No. - AM7321P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM7321P VBSEMI-AM7321P Datasheet
1Mb / 8P
   P-Channel 12 V (G-S) MOSFET
More results

Similar Description - AM7321P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com