Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC663 Datasheet(PDF) 61 Page - NXP Semiconductors

Part No. CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors CLRC663 Datasheet HTML 63Page - NXP Semiconductors CLRC663 Datasheet HTML 64Page - NXP Semiconductors CLRC663 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
61 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
14h
T1Control
Control of Timer1
15h
T1ReloadHi
High register of the reload value of Timer1
16h
T1ReloadLo
Low register of the reload value of Timer1
17h
T1CounterValHi
Counter value high register of Timer1
18h
T1CounterValLo
Counter value low register of Timer1
19h
T2Control
Control of Timer2
1Ah
T2ReloadHi
High byte of the reload value of Timer2
1Bh
T2ReloadLo
Low byte of the reload value of Timer2
1Ch
T2CounterValHi
Counter value high byte of Timer2
1Dh
T2CounterValLo
Counter value low byte of Timer2
1Eh
T3Control
Control of Timer3
1Fh
T3ReloadHi
High byte of the reload value of Timer3
20h
T3ReloadLo
Low byte of the reload value of Timer3
21h
T3CounterValHi
Counter value high byte of Timer3
22h
T3CounterValLo
Counter value low byte of Timer3
23h
T4Control
Control of Timer4
24h
T4ReloadHi
High byte of the reload value of Timer4
25h
T4ReloadLo
Low byte of the reload value of Timer4
26h
T4CounterValHi
Counter value high byte of Timer4
27h
T4CounterValLo
Counter value low byte of Timer4
28h
DrvMod
Driver mode register
29h
TxAmp
Transmitter amplifier register
2Ah
DrvCon
Driver configuration register
2Bh
Txl
Transmitter register
2Ch
TxCrcPreset
Transmitter CRC control register, preset value
2Dh
RxCrcPreset
Receiver CRC control register, preset value
2Eh
TxDataNum
Transmitter data number register
2Fh
TxModWidth
Transmitter modulation width register
30h
TxSym10BurstLen
Transmitter symbol 1 + symbol 0 burst length register
31h
TXWaitCtrl
Transmitter wait control
32h
TxWaitLo
Transmitter wait low
33h
FrameCon
Transmitter frame control
34h
RxSofD
Receiver start of frame detection
35h
RxCtrl
Receiver control register
36h
RxWait
Receiver wait register
37h
RxThreshold
Receiver threshold register
38h
Rcv
Receiver register
39h
RxAna
Receiver analog register
3Ah
RFU
-
3Bh
SerialSpeed
Serial speed register
3Ch
LPO_Trimm
Low-power oscillator trimming register
Table 46.
CLRC663 registers overview …continued
Address
Register name
Function


Similar Part No. - CLRC663

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HN NXP-CLRC66103HN Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNR NXP-CLRC66103HNR Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNT NXP-CLRC66103HNT Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNTRAYB NXP-CLRC66103HNTRAYB Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
More results

Similar Description - CLRC663

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
STMicroelectronics
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
NXP Semiconductors
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz