Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC663 Datasheet(PDF) 54 Page - NXP Semiconductors

Part No. CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
54 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.10 Command set
8.10.1 General
The behavior is determined by a state machine capable to perform a certain set of
commands. By writing the according command-code to register Command the command
is executed.
Arguments and/or data necessary to process a command, are exchanged via the FIFO
buffer.
A data transmission of the TxEncoder can be started by a command. When started,
the communication is executed as defined in the TxFrameCon register. Therefore a
communication frame can consist of a start-symbol, a data-stream, and followed by
an end-symbol.
Each command that needs a certain number of arguments will start processing only
when it has received the correct number of arguments via the FIFO buffer.
The FIFO buffer is not cleared automatically at command start. Therefore, it is
recommended to write the command arguments and/or the data bytes into the FIFO
buffer and start the command afterwards.
Each command may be interrupted by the host by writing a new command code into
register Command e.g.: the Idle-Command.
8.10.2 Command set overview
Table 43.
Command set
Command
No.
Parameter (bytes)
Short description
Idle
00h
-
no action, cancels current command execution
LPCD
01h
-
low-power card detection
LoadKey
02h
(keybyte1),(keybyte2), (keybyte3),
(keybyte4), (keybyte5),(keybyte6);
reads a MIFARE key (size of 6 bytes) from FIFO buffer
ant puts it into Key buffer
MFAuthent
03h
60h or 61h, (block address), (card
serial number byte0),(card serial
number byte1), (card serial number
byte2),(card serial number byte3);
performs the MIFARE standard authentication in
MIFARE read/write mode only
AckReq
04h
-
performs a query, an Ack and a Req-Rn for ISO/IEC
18000-3 mode 3/ EPC Class-1 HF
Receive
05h
-
activates the receive circuit
Transmit
06h
-
transmits data from the FIFO buffer
Transceive
07h
-
transmits data from the FIFO buffer and automatically
activates the receiver after transmission finished
WriteE2
08h
addressL, addressH, data;
gets one byte from FIFO buffer and writes it to the
internal EEPROM, valid address range are the
addresses of the MIFARE Key area
WriteE2Page
09h
(page Address), data0, [data1
..data63];
gets up to 64 bytes (one EEPROM page) from the FIFO
buffer and writes it to the EEPROM, valid page address
range are the pages of the MIFARE Key Area
ReadE2
0Ah
addressL, address H, length;
reads data from the EEPROM and copies it into the
FIFO buffer, valid address range are the addresses of
the MIFARE Key area


Similar Part No. - CLRC663

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HN NXP-CLRC66103HN Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNR NXP-CLRC66103HNR Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNT NXP-CLRC66103HNT Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNTRAYB NXP-CLRC66103HNTRAYB Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
More results

Similar Description - CLRC663

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
STMicroelectronics
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
NXP Semiconductors
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz