Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
38 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
The registers Section 9.8 and Section 9.10 control the data rate, the framing during
transmission and the setting of the antenna driver to support the requirements at the
different specified modes and transfer speeds.
Register TXamp and the bits for set_residual_carrier can define the modulation index:
Table 27.
Settings for TX1 and TX2
TxClkMode
(binary)
Tx1 and TX2 output
Remarks
000
High impedance
-
001
0
output pulled to 0 in any case
010
1
output pulled to 1 in any case
110
RF high side push
open drain, only high side (push) MOS supplied
with clock, clock parity defined by invtx; low side
MOS is off
101
RF low side pull
open drain, only low side (pull) MOS supplied
with clock, clock parity defined by invtx; high
side MOS is off
111
13.56 MHz clock derived
from 27.12 MHz quartz
divided by 2
push/pull Operation, clock polarity defined by
invtx; setting for 10% modulation
Table 28.
Setting residual carrier and modulation index by TXamp.set_residual_carrier
set_residual_carrier (decimal) residual carrier [%]
modulation index [%]
099
0.5
198
1.0
296
2.0
394
3.1
491
4.7
589
5.8
687
7.0
786
7.5
885
8.1
984
8.7
10
83
9.3
11
82
9.9
12
81
10.5
13
80
11.1
14
79
11.7
15
78
12.4
16
77
13.0
17
76
13.6
18
75
14.3
19
74
14.9
20
72
16.3
21
70
17.6
22
68
19.0


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HN NXP-CLRC66103HN Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNR NXP-CLRC66103HNR Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNT NXP-CLRC66103HNT Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNTRAYB NXP-CLRC66103HNTRAYB Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com