Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 25Page - NXP Semiconductors CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors CLRC663 Datasheet HTML 29Page - NXP Semiconductors CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
29 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
The pull-up resistor is not required for the I2CL interface. Instead, a on chip buskeeper is
implemented in the CLRC663 for SDA of the I2CL interface. This protocol is intended to be
used for a point to point connection of devices over a short distance and does not support
a bus capability.The driver of the pin must force the line to the desired logic voltage. To
avoid that two drivers are pushing the line at the same time following regulations must be
fulfilled:
SCL: As there is no clock stretching, the SCL is always under control of the Master.
SDA: The SDA line is shared between master and slave. Therefore the master and the
slave must have the control over the own driver enable line of the SDA pin. The following
rules must be followed:
In the idle phase the SDA line is driven high by the master
In the time between start and stop condition the SDA line is driven by master or slave
when SCL is low. If SCL is high the SDA line is not driven by any device
To keep the value on the SDA line a on chip buskeeper structure is implemented for
the line
8.4.5 SAM interface I2C
8.4.5.1
SAM functionality
The CLRC663 implements a dedicated I2C interface to integrate a MIFARE SAM (Secure
Access Module) in a very convenient way into applications (e.g. a proximity reader).
The SAM can be connected to the microcontroller to operate like a cryptographic
co-processor. For any cryptographic task, the microcontroller requests a operation from
the SAM, receives the answer and sends it over a host interface (e.g. I2C, SPI) interface
to the connected reader IC.
The MIFARE SAM supports a optimized method to integrate the SAM in a very efficient
way to reduce the protocol overhead. In this system configuration, the SAM is integrated
between the microprocessor and the reader IC, connected by one interface to the reader
IC and by another interface to the microcontroller. In this application the microcontroller
accesses the SAM using the T=1 protocol and the SAM accesses the reader IC using an
I2C interface. As the SAM is directly communicating with reader IC, the communication
overhead is reduced. In this configuration, a performance boost of up to 40% can be
achieved for a transaction time.
The MIFARE SAM supports applications using MIFARE cards. For multi application
purposes an architecture connecting the microcontroller additionally directly to the reader
IC is recommended. This is possible by connecting the CLRC663 on one interface (SAM
Interface SDA, SCL) with the MIFARE SAM AV2.6 (P5DF081XX/T1AR1070) and by
connecting the microcontroller to the S2C or SPI interface.
tSU;SDA
80
-
ns
tHD;DAT
050
ns
tSU;DAT
020
ns
tSU;STO
80
-
ns
tBUF
200
-
ns
Table 24.
Timing parameter I2CL
Parameter
Min
Max
Unit


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HN NXP-CLRC66103HN Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNR NXP-CLRC66103HNR Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNT NXP-CLRC66103HNT Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNTRAYB NXP-CLRC66103HNTRAYB Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com