Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC663 Datasheet(PDF) 19 Page - NXP Semiconductors

Part No. CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors CLRC663 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
19 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.4.2 SPI interface
8.4.2.1
General
The CLRC663 acts as a slave during the SPI communication. The SPI clock SCK has to
be generated by the master. Data communication from the master to the slave uses the
Line MOSI. Line MISO is used to send data back from the CLRC663 to the master.
A serial peripheral interface (SPI compatible) is supported to enable high speed
communication to a host. The implemented SPI compatible interface is according to a
standard SPI interface. The SPI interface can handle data speed of up to 10 Mbit/s. In the
communication with a host CLRC663 acts as a slave receiving data from the external host
for register settings and to send and receive data relevant for the communication on the
RF interface.
On both data lines (MOSI, MISO) each data byte is sent by MSB first. Data on MOSI line
shall be stable on rising edge of the clock line (SCK) and is allowed to change on falling
edge. The same is valid for the MISO line. Data is provided by the CLRC663 on the falling
edge and is stable on the rising edge.The polarity of the clock is low at SPI idle.
8.4.2.2
Read data
To read out data from the CLRC663 by using the SPI compatible interface the following
byte order has to be used.
The first byte that is sent defines the mode (LSB bit) and the address.
Table 14.
Connection scheme for detecting the different interface types
Pin
Pin Symbol
UART
SPI
I2C
I2C-L
28
IF0
RX
MOSI
ADR1
ADR1
29
IF1
-
SCK
SCL
SCL
30
IF2
TX
MISO
ADR2
SDA
31
IF3
1
NSS
SDA
ADR2
26
IFSEL0
0
0
1
1
27
IFSEL1
0
1
0
1
Fig 12. Connection to host with SPI
001aal998
READER IC
IF1
SCK
IF0
MOSI
IF2
MISO
IF3
NSS
Table 15.
Byte Order for MOSI and MISO
byte 0
byte 1
byte 2
byte 3 to n-1 byte n
byte n+1
MOSI
address 0
address 1
address 2
……..
address n
00h
MISO
X
data 0
data 1
……..
data n
 1data n


Similar Part No. - CLRC663

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HN NXP-CLRC66103HN Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNR NXP-CLRC66103HNR Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNT NXP-CLRC66103HNT Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
CLRC66103HNTRAYB NXP-CLRC66103HNTRAYB Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
More results

Similar Description - CLRC663

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
STMicroelectronics
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
NXP Semiconductors
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz