Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB5116405BJ-50 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB5116405BJ-50
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5116405BJ-50 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB5116405BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HYB 5116(7)405BJ-50/-60
HYB 3116(7)405BJ/BT(L)-50/-60
4M
× 4 EDO-DRAM
Semiconductor Group
6
1998-10-01
Absolute Maximum Ratings
Operating temperature range ........................................................................................... 0 to 70 ˚C
Storage temperature range........................................................................................ – 55 to 150 ˚C
Input/output voltage (5 V versions) ................................................... – 0.5 to min (
V
CC + 0.5, 7.0) V
Input/output voltage (3.3 V versions) ................................................ – 0.5 to min (
V
CC + 0.5, 4.6) V
Power supply voltage (5 V versions) ....................................................................... – 1.0 V to 7.0 V
Power supply voltage (3.3 V versions) .................................................................... – 1.0 V to 4.6 V
Power dissipation (5 V versions) ............................................................................................ 1.0 W
Power dissipation (3.3 V versions) ......................................................................................... 0.5 W
Data out current (short circuit) ............................................................................................... 50 mA
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
5 V Versions
Power supply voltage
V
CC
4.5
5.5
V
Input high voltage
V
IH
2.4
V
CC + 0.5
V
1
Input low voltage
V
IL
– 0.5
0.8
V
1
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
V
1
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1
3.3 V Versions
Power supply voltage
V
CC
3.0
3.6
V
Input high voltage
V
IH
2.0
V
CC + 0.5
V
1
Input low voltage
V
IL
– 0.5
0.8
V
1
TTL Output high voltage (
I
OUT = – 2 mA)
V
OH
2.4
V
1
TTL Output low voltage (
I
OUT = 2 mA)
V
OL
0.4
V
1
CMOS Output high voltage (
I
OUT = – 100 µA)
V
OH
V
CC – 0.2
V
CMOS Output low voltage (
I
OUT = 100 µA)
V
OL
0.2
V


Similar Part No. - HYB5116405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50 SIEMENS-HYB5116405BJ-50 Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB5116405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com