Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116400BJ-60 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB3116400BJ-60
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116400BJ-60 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB3116400BJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116400BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
HYB 5116(7)400BJ-50/-60
HYB 3116(7)400BJ/BT-50/-60
4M
× 4 DRAM
Semiconductor Group
2
1998-10-01
The HYB 5(3)116(7)400 are 16 MBit dynamic RAMs based on die revisions “G” & “F” and organized
as 4 194 304 words by 4-bits. The HYB 5(3)116(7)400BJ/BT utilizes a submicron CMOS silicon
gate process technology, as well as advanced circuit techniques to provide wide operating margins,
both internally and for the system user. Multiplexed address inputs permit the HYB 5(3)116(7)400
to be packaged in a standard SOJ-26/24 and TSOPII-26/24 plastic package with 300 mil width.
These packages provide high system bit densities and are compatible with commonly used
automatic testing and insertion equipment.
Ordering Information
Type
Ordering Code
Package
Descriptions
2k-Refresh Versions
HYB 5117400BJ-50
Q67100-Q1086
P-SOJ-26/24-1 300 mil
5 V 50 ns FPM-DRAM
HYB 5117400BJ-60
Q67100-Q1087
P-SOJ-26/24-1 300 mil
5 V 60 ns FPM-DRAM
HYB 3117400BJ-50
on request
P-SOJ-26/24-1 300 mil
3.3 V 50 ns FPM-DRAM
HYB 3117400BJ-60
on request
P-SOJ-26/24-1 300 mil
3.3 V 60 ns FPM-DRAM
4k-Refresh Versions
HYB 5116400BJ-50
Q67100-Q1049
P-SOJ-26/24-1 300 mil
5 V 50 ns FPM-DRAM
HYB 5116400BJ-60
Q67100-Q1050
P-SOJ-26/24-1 300 mil
5 V 60 ns FPM-DRAM
HYB 3116400BJ-50
on request
P-SOJ-26/24-1 300 mil
3.3 V 50 ns FPM-DRAM
HYB 3116400BJ-60
on request
P-SOJ-26/24-1 300 mil
3.3 V 60 ns FPM-DRAM
HYB 3116400BT-50
on request
P-TSOPII-26/24-1 300 mil
3.3 V 50 ns FPM-DRAM
HYB 3116400BT-60
on request
P-TSOPII-26/24-1 300 mil
3.3 V 60 ns FPM-DRAM


Similar Part No. - HYB3116400BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJ-60 SIEMENS-HYB3116400BJ-60 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3116400BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com