Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4533C Datasheet(PDF) 2 Page - Analog Power

Part # AM4533C
Description  P & N-Channel 20-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4533C Datasheet(HTML) 2 Page - Analog Power

  AM4533C Datasheet HTML 1Page - Analog Power AM4533C Datasheet HTML 2Page - Analog Power AM4533C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM4533C
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4533_F
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Ch
Min
Typ
Max
VGS = VDS, ID = 250 uA
N
0.4
VGS = VDS, ID = -250 uA
P
-0.4
VGS = -8 V, VDS = 0 V
P
±100
V
GS = 8 V, V
DS = 0 V
N
±100
VDS = -16 V, VGS = 0 V
P
-1
V
DS = 16 V, V
GS = 0 V
N
1
VDS = 5 V, VGS = 4.5 V
N
20
VDS = -5 V, VGS = -4.5 V
P
-20
VGS = 4.5 V, ID = 6.9 A
31
VGS = 2.5 V, ID = 6 A
40
VGS = -4.5 V, ID = -5.2 A
52
VGS = -2.5 V, ID = -4.2 A
80
VDS = 15 V, ID = 6.9 A
N
25
VDS = -15 V, ID = -5.2 A
P
10
N
6.0
P
25
N
1.0
P
2.4
N
1.5
P
3.9
N
7.4
P
7.6
N
4
P
6.8
N
22.2
P
33.6
N
3.6
P
23.2
Limits
Unit
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
nA
Static
Test Conditions
V
Symbol
Parameter
Gate-Threshold Voltage
VGS(th)
A
Gate-Body Leakage
IGSS
uA
IDSS
Zero Gate Voltage Drain Current
On-State Drain Current
A
ID(on)
Forward Tranconductance
A
gfs
S
Total Gate Charge
Qg
m
Drain-Source On-Resistance
A
rDS(on)
Dynamic
nS
N
P
N-Channel
VDS=15V, VGS=4.5V, ID=6.9A
P-Channel
VDS=-15V, VGS=-4.5V, ID=-5.2A
nC
Gate-Source Charge
Qgs
Gate-Drain Charge
Qgd
N-Chaneel
V
DD=15V, VGS=4.5V, ID=1A
,
R
GEN=6
,
P-Channel
VDD=-15V, VGS=-4.5V, ID=-1A
RGEN=6
Fall-Time
tf
Turn-Off Delay Time
td(on)
tr
td(off)
Turn-On Delay Time
Rise Time


Similar Part No. - AM4533C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4530C ANALOGPOWER-AM4530C Datasheet
231Kb / 8P
   P & N-Channel 32-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4530CE ANALOGPOWER-AM4530CE Datasheet
212Kb / 3P
   P & N-Channel 32-V (D-S) MOSFET
AM4531C ANALOGPOWER-AM4531C Datasheet
227Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM4533C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA520C ANALOGPOWER-AMA520C Datasheet
499Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
   P & N-Channel 20-V (D-S) MOSFET
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM6544C ANALOGPOWER-AM6544C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com