Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB5117805BJ-50 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB5117805BJ-50
Description  2M x 8 - Bit Dynamic RAM 2k Refresh
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5117805BJ-50 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB5117805BJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Semiconductor Group
2
HYB5117805BSJ-50/-60/-70
2M x 8-EDO DRAM
The HYB 5117805BSJ is a 16 MBit dynamic RAM organized as 2 097 152 words by 8-bits. The HYB
5117805BSJ utilizes a submicron CMOS silicon gate process technology, as well as advanced
circuit techniques to provide wide operating margins, both internally and for the system user.
Multiplexed address inputs permit the HYB 5117805BSJ to be packaged in a standard
SOJ 28
plastic package with 400 mil width. These packages provide high system bit densities and are
compatible with commonly used automatic testing and insertion equipment. System-oriented
features include single + 5 V (
± 10 %) power supply, direct interfacing with high-performance logic
device families such as Schottky TTL.
Ordering Information
Pin Names
Type
Ordering Code
Package
Descriptions
HYB 5117805BJ-50
Q67100-Q1104
P-SOJ-28-3 400 mil
DRAM (access time 50 ns)
HYB 5117805BJ-60
Q67100-Q1105
P-SOJ-28-3 400 mil
DRAM (access time 60 ns)
HYB 5117805BJ-70
Q67100-Q1106
P-SOJ-28-3 400 mil
DRAM (access time 70 ns)
A0-A10
Row Address Inputs
A0-A9
Column Address Inputs
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O8
Data Input/Output
CAS
Column Address Strobe
WE
Read/Write Input
VCC
Power Supply (+ 5 V)
V
SS
Ground (0 V)
N.C.
not connected


Similar Part No. - HYB5117805BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117805BSJ-50 SIEMENS-HYB5117805BSJ-50 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-60 SIEMENS-HYB5117805BSJ-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
More results

Similar Description - HYB5117805BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com