Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB5117805BJ-50 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB5117805BJ-50
Description  2M x 8 - Bit Dynamic RAM 2k Refresh
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5117805BJ-50 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB5117805BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5117805BJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Semiconductor Group
6
HYB5117805BSJ-50/-60/-70
2M x 8-EDO DRAM
Average
VCC supply current,
during hyper page mode:
-50 ns version
-60 ns version
-70 ns version
(RAS =
V
IL, CAS, address cycling:tPC = tPC min.)
ICC4
70
55
45
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
VCC supply current
(RAS = CAS =
VCC – 0.2 V)
ICC5
–1mA
1)
Average
V
CC supply current, during CAS-
before-RAS refresh mode: -50 ns version
-60 ns version
-70 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
120
110
100
mA
mA
mA
2) 4)
2) 4)
2) 4)
Average Self Refresh Current
(CBR cycle with tRAS>TRASSmin., CAS held low,
WE=Vcc-0.2V, Address and Din=Vcc - 0.2V or 0.2V)
I
CC7
_1mA
Capacitance
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A10)
CI1
–5pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O8)
CIO
–7pF
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, VCC = 5 V ± 10 %; tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.


Similar Part No. - HYB5117805BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117805BSJ-50 SIEMENS-HYB5117805BSJ-50 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-60 SIEMENS-HYB5117805BSJ-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
More results

Similar Description - HYB5117805BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com