Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S64160AT Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB39S64160AT
Description  64 MBit Synchronous DRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB39S64160AT Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB39S64160AT Datasheet HTML 3Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 4Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 5Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 6Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 7Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 8Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 9Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 10Page - Siemens Semiconductor Group HYB39S64160AT Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Semiconductor Group
7
HYB39S64400/800/160AT(L)
64MBit Synchronous DRAM
Signal Pin Description
Pin
Type Signal Polarity
Function
CLK
Input
Pulse
Positive
Edge
The system clock input. All of the SDRAM inputs are sampled on the
rising edge of the clock.
CKE
Input
Level
Active
High
Activates the CLK signal when high and deactivates the CLK signal
when low, thereby initiates either the Power Down mode, Suspend
mode, or the Self Refresh mode.
CS
Input
Pulse
Active
Low
CS enables the command decoder when low and disables the command
decoder when high. When the command decoder is disabled, new
commands are ignored but previous operations continue.
RAS,
CAS, WE
Input
Pulse
Active
Low
When sampled at the positive rising edge of the clock, CAS, RAS, and
WE define the command to be executed by the SDRAM.
A0 - A11
Input
Level
During a Bank Activate command cycle, A0-A11 defines the row
address (RA0-RA11) when sampled at the rising clock edge.
During a Read or Write command cycle, A0-An defines the column
address (CA0-CAn) when sampled at the rising clock edge.CAn
depends from the SDRAM organisation:
16M x 4 SDRAM
CAn = CA9
(Page Length = 1024 bits)
8M x 8 SDRAM
CAn = CA8
(Page Length = 512 bits)
4M x 16 SDRAM CAn = CA7
(Page Length = 256 bits)
In addition to the column address, A10(=AP) is used to invoke
autoprecharge operation at the end of the burst read or write cycle. If
A10 is high, autoprecharge is selected and BA0, BA1 defines the bank to
be precharged. If A10 is low, autoprecharge is disabled.
During a Precharge command cycle, A10 (=AP) is used in conjunction
with BA0 and BA1 to control which bank(s) to precharge. If A10 is high,
all four banks will be precharged regardless of the state of BA0 and BA1.
If A10 is low, then BA0 and BA1 are used to define which bank to
precharge.
BA0,BA1
Input
Level
Bank Select (BS) Inputs. Selects which bank is to be active.
DQx
Input
Output
Level
Data Input/Output pins operate in the same manner as on conventional
DRAMs.
DQM
LDQM
UDQM
Input
Pulse
Active
High
The Data Input/Output mask places the DQ buffers in a high impedance
state when sampled high. In Read mode, DQM has a latency of two
clock cycles and controls the output buffers like an output enable. In
Write mode, DQM has a latency of zero and operates as a word mask by
allowing input data to be written if it is low but blocks the write operation
if DQM is high.
One DQM input it present in x4 and x8 SDRAMs, LDQM and UDQM
controls the lower and upper bytes in x16 SDRAMs.
VDD,VSS Supply
Power and ground for the input buffers and the core logic.
VDDQ
VSSQ
Supply
Isolated power supply and ground for the output buffers to provide
improved noise immunity.


Similar Part No. - HYB39S64160AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S64160BT-7.5 INFINEON-HYB39S64160BT-7.5 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
HYB39S64160BT-8 INFINEON-HYB39S64160BT-8 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
More results

Similar Description - HYB39S64160AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S64400CT-7.5 INFINEON-HYB39S64400CT-7.5 Datasheet
402Kb / 52P
   64-MBit Synchronous DRAM
12.99
HYB39S64160BT-8 INFINEON-HYB39S64160BT-8 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S512400AT QIMONDA-HYB39S512400AT Datasheet
1Mb / 21P
   512-Mbit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com