Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1433PE Datasheet(PDF) 2 Page - Analog Power

Part # AM1433PE
Description  P-Channel 30-V (D-S) MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1433PE Datasheet(HTML) 2 Page - Analog Power

  AM1433PE Datasheet HTML 1Page - Analog Power AM1433PE Datasheet HTML 2Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM1433PE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM1433PE_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Repetitive rating, pulse width limited by junction temperature.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±10
µA
VDS = -24 V, VGS = 0 V
-1
VDS = -24 V, VGS = 0 V, TJ = 55
oC
-10
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -4.5 V
-5
A
VGS = -10 V, ID = -1 A
64
VGS = -4.5 V, ID = -1 A
96
Forward Tranconductance
A
gfs
VDS = -5 V, ID = -1 A
9
S
Diode Forward Voltage
VSD
IS = -0.46 A, VGS = 0 V
-0.65
V
Total Gate Charge
Qg
4
Gate-Source Charge
Qgs
1
Gate-Drain Charge
Qgd
2
Turn-On Delay Time
td(on)
9
Rise Time
tr
4
Turn-Off Delay Time
td(off)
1
Fall-Time
tf
2
Drain-Source On-Resistance
A
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
µA
IDSS
Zero Gate Voltage Drain Current
Static
Te st Conditions
Symbol
Paramete r
Limits
rDS(on)
mΩ
Unit
VDD = -10 V, IL = -1 A,
VGEN = -4.5 V, RG = 6 Ω
ns
Dynamic
b
VDS = -10 V, VGS = -4.5 V,
ID = -1 A
nC


Similar Part No. - AM1433PE

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1430N ANALOGPOWER-AM1430N Datasheet
150Kb / 2P
   N-Channel 30V (D-S) MOSFET
AM1431P ANALOGPOWER-AM1431P Datasheet
142Kb / 2P
   P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM1431P-T1-PF VBSEMI-AM1431P-T1-PF Datasheet
1,017Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM1432NE ANALOGPOWER-AM1432NE Datasheet
106Kb / 3P
   N-Channel 30V (D-S) MOSFET
AM1434N ANALOGPOWER-AM1434N Datasheet
59Kb / 2P
   N-Channel 30V (D-S) MOSFET
More results

Similar Description - AM1433PE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com