Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165805BTL-50 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYB3165805BTL-50
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165805BTL-50 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYB3165805BTL-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Semiconductor Group
3
HYB3164(5)805BJ/BT(L)-40/-50/-60
8M x 8-DRAM
Pin Configuration
Pin Names
A0-A12
Address Inputs for 8k-refresh version HYB 3164805BJ/BT(L)
A0-A11
Address Inputs for 4k-refresh version HYB 3165805BJ/BT(L)
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O8
Data Input/Output
CAS
Column Address Strobe
WE
Read/Write Input
Vcc
Power Supply ( + 3.3V)
Vss
Ground
P-SOJ-32-1 (400 mil)
* Pin 24 is A12 for HYB 3164805BJ/BT(L) and N.C. for HYB 3165805BJ/BT(L)
P-TSOPII-32-1 (400 mil)
1
2
3
4
5
6
9
10
11
12
13
14
23
24
25
26
27
28
VSS
I/O8
I/O7
I/O6
I/O5
CAS
VCC
I/O1
I/O2
I/O3
A0
A1
A2
A3
VCC
18
19
20
O
OE
WE
I/O4
7
22
21
8
RAS
15
16
N.C.
VCC
.
A4
A5
32
31
30
29
VSS
A12 / N.C. *
A11
A10
A9
A8
A7
A6
VSS
17


Similar Part No. - HYB3165805BTL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165805AJ-40 SIEMENS-HYB3165805AJ-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AJ-50 SIEMENS-HYB3165805AJ-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AJ-60 SIEMENS-HYB3165805AJ-60 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AT-40 SIEMENS-HYB3165805AT-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AT-50 SIEMENS-HYB3165805AT-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3165805BTL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com