Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB5116400BJ-50 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB5116400BJ-50
Description  4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5116400BJ-50 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB5116400BJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5116400BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Semiconductor Group
2
HYB 5116400BJ/BT-50/-60/-70
4M x 4-DRAM
The HYB 5116400BJ/BT is a 16MBit dynamic RAM organized as 4194304 words by 4-bits. The
HYB 5116400BJ/BT utilizes a submicron CMOS silicon gate process technology, as well as
advanced circuit techniques to provide wide operating margins, both internally and for the system
user. Multiplexed address inputs permit the HYB 5116400BJ/BT to be packaged in a standard SOJ
26/24 or TSOPII-26/24 plastic package, both with 300 mil width. These packages provide high
system bit densities and are compatible with commonly used automatic testing and insertion
equipment. System-oriented features include single + 5 V (
± 10 %) power supply, direct interfacing
with high-performance logic device families such as Schottky TTL.
Ordering Information
Pin Names
Type
Ordering Code
Package
Descriptions
HYB 5116400BJ-50
Q67100-Q1049
P-SOJ-26/24 300 mil
DRAM (access time 50 ns)
HYB 5116400BJ-60
Q67100-Q1050
P-SOJ-26/24 300 mil
DRAM (access time 60 ns)
HYB 5116400BJ-70
Q67100-Q1051
P-SOJ-26/24 300 mil
DRAM (access time 70 ns)
HYB 5116400BT-50
on request
P-TSOPII-26/24 300mil
DRAM (access time 50 ns)
HYB 5116400BT-60
on request
P-TSOPII-26/24 300mil
DRAM (access time 60 ns)
HYB 5116400BT-70
on request
P-TSOPII-26/24 300mil
DRAM (access time 70 ns)
A0-A11
Row Address Inputs
A0-A9
Column Address Inputs
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O4
Data Input/Output
CAS
Column Address Strobe
WE
Read/Write Input
V
CC
Power Supply (+ 5 V)
VSS
Ground (0 V)
N.C.
not connected


Similar Part No. - HYB5116400BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116400BJ-50 SIEMENS-HYB5116400BJ-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB5116400BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com