Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S16160BT-10 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # HYB39S16160BT-10
Description  16 MBit Synchronous DRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB39S16160BT-10 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  HYB39S16160BT-10 Datasheet HTML 1Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 2Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 3Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 4Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 5Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 6Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 7Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 8Page - Siemens Semiconductor Group HYB39S16160BT-10 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Semiconductor Group
4
HYB39S16400/800/160BT-8/-10
16MBit Synchronous DRAM
Signal Pin Description
Pin
Type
Signal Polarity
Function
CLK
Input
Pulse
Positive
Edge
The system clock input. All of the SDRAM inputs are sampled on the rising
edge of the clock.
CKE
Input
Level
Active
High
Activates the CLK signal when high and deactivates the CLK signal when
low, thereby inititiates either the Power Down mode, Suspend mode or the
Self Refresh mode.
CS
Input
Pulse
Active
Low
CS enables the command decoder when low and disables the command
decoder when high. When the command decoder is disabled, new
commands are ignored but previous operations continue.
RAS,
CAS
WE
Input
Pulse
Active
Low
When sampled at the positive rising edge of the clock, CAS, RAS, and WE
define the command to be executed by the SDRAM.
A0 -
A10
Input
Level
During a Bank Activate command cycle, A0-A10 defines the row address
(RA0-RA10) when sampled at the rising clock edge.
During a Read or Write command cycle, A0-A9 defines the column
address (CA0-CAn) when sampled at the rising clock edge.CAn depends
from the SDRAM organisation.
4M x 4 SDRAM CAn = CA9
2M x 8 SDRAM CAn = CA8
1M x 16 SDRAM CAn = CA7
In addition to the column address, A10 is used to invoke autoprecharge
operation at the end of the burst read or write cycle. If A10 is high,
autoprecharge is selected and A11 defines the bank to be precharged
(low=bank A, high=bank B). If A10 is low, autoprecharge is disabled.
During a Precharge command cycle, A10 is used in conjunction with A11
to control which bank(s) to precharge. If A10 is high, both bank A and bank
B will be precharged regardless of the state of A11. If A10 is low, then A11
is used to define which bank to precharge.
A11
(BS)
Input
Level
Selects which bank is to be active. A11 low selects bank A and A11 high
selects bank B.
DQx
Input
Output
Level
Data Input/Output pins operate in the same manner as on conventional
DRAMs.
DQM
LDQM
UDQM
Input
Pulse
Active
High
The Data Input/Output mask places the DQ buffers in a high impedance
state when sampled high. In Read mode, DQM has a latency of two clock
cycles and controls the output buffers like an output enable. In Write
mode, DQM has a latency of zero and operates as a word mask by
allowing input data to be written if it is low but blocks the write operation if
DQM is high.
VDD,
VSS
Supply
Power and ground for the input buffers and the core logic.
VDDQ
VSSQ
Supply
Isolated power supply and ground for the output buffers to provide
improved noise immunity.


Similar Part No. - HYB39S16160BT-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S16160AT-10 SIEMENS-HYB39S16160AT-10 Datasheet
147Kb / 22P
   16 MBit Synchronous DRAM
HYB39S16160AT-8 SIEMENS-HYB39S16160AT-8 Datasheet
147Kb / 22P
   16 MBit Synchronous DRAM
HYB39S16160CT-10 SIEMENS-HYB39S16160CT-10 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
HYB39S16160CT-6 SIEMENS-HYB39S16160CT-6 Datasheet
138Kb / 15P
   1M x 16 MBit Synchronous DRAM for High Speed Graphics Applications
HYB39S16160CT-7 SIEMENS-HYB39S16160CT-7 Datasheet
138Kb / 15P
   1M x 16 MBit Synchronous DRAM for High Speed Graphics Applications
More results

Similar Description - HYB39S16160BT-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
HYB39S16400 SIEMENS-HYB39S16400 Datasheet
147Kb / 22P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S64400CT-7.5 INFINEON-HYB39S64400CT-7.5 Datasheet
402Kb / 52P
   64-MBit Synchronous DRAM
12.99
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S512400AT QIMONDA-HYB39S512400AT Datasheet
1Mb / 21P
   512-Mbit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com