Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDN0036 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 2 Page - IXYS Corporation

  IXDN0036 Datasheet HTML 1Page - IXYS Corporation IXDN0036 Datasheet HTML 2Page - IXYS Corporation IXDN0036 Datasheet HTML 3Page - IXYS Corporation IXDN0036 Datasheet HTML 4Page - IXYS Corporation IXDN0036 Datasheet HTML 5Page - IXYS Corporation IXDN0036 Datasheet HTML 6Page - IXYS Corporation IXDN0036 Datasheet HTML 7Page - IXYS Corporation IXDN0036 Datasheet HTML 8Page - IXYS Corporation IXDN0036 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ATAVRFBKIT / EVLD001 User Guide
1
7597A–AVR–02/06
Section 1
Introduction ........................................................................................... 1-1
1.1
General Description ..................................................................................1-2
1.2
Ballast Demonstrator Features .................................................................1-3
Section 2
Ballast Demonstrator Device
Features................................................................................................ 2-5
2.1
Atmel Supported Products ........................................................................2-5
2.2
IXYS
® Supported Products .......................................................................2-5
Section 3
Microcontroller Port Pin Assignments ................................................... 3-7
Section 4
Ballast Demonstrator Operation ........................................................... 4-9
4.1
General Requirements ..............................................................................4-9
4.2
Circuit Topology ........................................................................................4-9
4.3
Startup and PFC Description ..................................................................4-10
4.4
Lamp Operation Description ...................................................................4-11
Section 5
Device Design & Application............................................................... 5-15
5.1
Magnetics................................................................................................5-15
5.2
IXYS IXTP02N50D depletion mode Mosfet Used As Current Source ....5-15
5.3
IXYS IXD611 Half- bridge MOSFET driver .............................................5-15
5.4
IXYS IXI859 Charge Pump Regulator.....................................................5-16
5.5
IXYS IXTP3N50P PolarHVTM N-Channel Power MOSFET ...................5-17
Section 6
ATPWMx Demonstrator Software....................................................... 6-19
6.1
Main_pwmx_fluo_demo.c .......................................................................6-20
6.2
Pfc_ctrl.c .................................................................................................6-26
6.3
Lamp_ctrl.c .............................................................................................6-30
Section 7
Conclusion .......................................................................................... 7-33
7.1
Appendix 1: SWISS DIM .........................................................................7-33
7.2
Appendix 2: Capacitor Coupled Low Voltage Supply..............................7-34
7.3
Appendix 3: PFC Basics .........................................................................7-35
7.4
Appendix 4: Bill Of Material.....................................................................7-36
7.5
Appendix 5: Schematics..........................................................................7-39


Similar Part No. - IXDN0036

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN0037 IXYS-IXDN0037 Datasheet
410Kb / 31P
   Non-Dimmable Fluorescent Ballast
More results

Similar Description - IXDN0036

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
PHOENIX CONTACT
2981974 PHOENIX-2981974 Datasheet
47Kb / 2P
   Central configuration of several thousand appliances
logo
Laird Tech Smart Techno...
SQ2403PG LSTD-SQ2403PG Datasheet
393Kb / 1P
   Connector types optional
logo
List of Unclassifed Man...
PT65101L254 ETC2-PT65101L254 Datasheet
126Kb / 3P
   4 actuator types
logo
OPTEK Technologies
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
logo
NXP Semiconductors
ECG10 PHILIPS-ECG10 Datasheet
158Kb / 1P
   Bi-Polar Types
logo
GE Solid State
CA311 GESS-CA311 Datasheet
129Kb / 1P
   Single/Quad Types Comparators
logo
HuaXinAn Electronics CO...
NVF4-6A HUAXINAN-NVF4-6A Datasheet
425Kb / 1P
   Terminal types as inserting
NVF4-6C HUAXINAN-NVF4-6C Datasheet
425Kb / 1P
   Terminal types as inserting.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com