Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB511000BJ-60 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB511000BJ-60
Description  1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB511000BJ-60 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB511000BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 12Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 13Page - Siemens Semiconductor Group HYB511000BJ-60 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Semiconductor Group
42
HYB 511000BJ/BJL-50/-60/-70
1 M
× 1-DRAM
Notes :
1) All voltages are referenced to VSS .
2) ICC1 , ICC3 , ICC4, ICC6, ICC7 depend on cycle rate.
3) ICC1 and ICC4 depend on output loading. Specified values are measured with the output open.
4) An initial pause of 200
µs is required after power-up followed by 8 RAS cycles before proper device operation
is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles
instead of 8 RAS cycles are required.
5) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also
measured between VIH and VIL .
6) Measured with a load equivalent to 2 TTL loads and 100 pF.
7) tOFF (max.) defines the time at which the output achieves the open-circuit conditions and is not referenced to
output voltage levels.
8) Either tRCH or tRRH must be satisfied for a read cycle.
9) These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge
in read-write cycles.
10) tWCS , tRWD , tCWD and tAWD are not restrictive operating parameters. They are included in the data sheet as
electrical characteristics only.
If tWCS ≥ tWCS (min.), the cycle is an early write cycle and data out pin will remain open-circuit (high impedance)
through the entire cycle; if tRWD ≥ tRWD (min.), tCWD ≥ tCWD (min.) and tAWD ≥ tAWD (min.), the cycle is a read-write
cycle and DO will contain data read from the selected cell. If neither of the above sets of conditions is satisfied,
the condition of DO (at access time) is indeterminate.
11) Operation within the tRCD (max.) limit insures that tRAC (max.) can be met. tRCD (max.) is specified as a reference
point only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC .
12) Operation within the tRAD (max.) limit insures that tRAC (max.) can be met. tRAD (max.) is specified as a reference
point only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA .
13) AC measurements assume tT = 5ns.


Similar Part No. - HYB511000BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116160BSJ-60 SIEMENS-HYB5116160BSJ-60 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116160BSJ-70 SIEMENS-HYB5116160BSJ-70 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116165BJ-50 SIEMENS-HYB5116165BJ-50 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116165BJ-60 SIEMENS-HYB5116165BJ-60 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
More results

Similar Description - HYB511000BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Toshiba Semiconductor
TC514101J TOSHIBA-TC514101J Datasheet
676Kb / 23P
   4,194,304 x 1 BIT DYNAMIC RAM
TC514102AP TOSHIBA-TC514102AP Datasheet
601Kb / 20P
   4,194,304 x 1 BIT DYNAMIC RAM
TC514102J TOSHIBA-TC514102J Datasheet
681Kb / 22P
   4,194,304 x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
MK4116 ETC-MK4116 Datasheet
1Mb / 12P
   16,384 X 1 BIT DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
OKI electronic componet...
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
   262,144-WORD X 1-BIT DYNAMIC RAM
logo
National Semiconductor ...
MM5290 NSC-MM5290 Datasheet
376Kb / 6P
   16384-BIT (16384 X 1 ) DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com