Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S256400T-10 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB39S256400T-10
Description  256 MBit Synchronous DRAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB39S256400T-10 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB39S256400T-10 Datasheet HTML 3Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 4Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 5Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 6Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 7Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 8Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 9Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 10Page - Siemens Semiconductor Group HYB39S256400T-10 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
HYB 39S256400/800/160T
256 MBit Synchronous DRAM
Semiconductor Group
7
1998-10-01
Signal Pin Description
Pin
Type
Signal Polarity Function
CLK
Input
Pulse
Positive
Edge
The system clock input. All of the SDRAM inputs are
sampled on the rising edge of the clock.
CKE
Input
Level
Active
High
Activates the CLK signal when high and deactivates the CLK
signal when low, thereby initiates either the Power Down
mode, Suspend mode, or the Self Refresh mode.
CS
Input
Pulse
Active
Low
CS enables the command decoder when low and disables
the command decoder when high. When the command
decoder is disabled, new commands are ignored but
previous operations continue.
RAS
CAS
WE
Input
Pulse
Active
Low
When sampled at the positive rising edge of the clock, CAS,
RAS, and WE define the command to be executed by the
SDRAM.
A0 -
A12
Input
Level
During a Bank Activate command cycle, A0 - A12 defines the
row address (RA0 - RA12) when sampled at the rising clock
edge.
During a Read or Write command cycle, A0 - An defines the
column address (CA0 - CAn) when sampled at the rising
clock edge. CAn depends from the SDRAM organization:
64M
× 4 SDRAM CAn = CA9, CA11
(Page Length = 2048 bits)
32M
× 8 SDRAM CAn = CA9 (Page Length = 1024 bits)
16M
× 16 SDRAM CAn = CA8 (Page Length = 512 bits)
In addition to the column address, A10 (= AP) is used to
invoke autoprecharge operation at the end of the burst read
or write cycle. If A10 is high, autoprecharge is selected and
BA0, BA1 defines the bank to be precharged. If A10 is low,
autoprecharge is disabled.
During a Precharge command cycle, A10 (= AP) is used in
conjunction with BA0 and BA1 to control which bank(s) to
precharge. If A10 is high, all four banks will be precharged
regardless of the state of BA0 and BA1. If A10 is low, then
BA0 and BA1 are used to define which bank to precharge.
BA0
BA1
Input
Level
Bank Select (BS) Inputs. Selects which bank is to be active.
DQx
Input
Out-
put
Level
Data Input/Output pins operate in the same manner as on
conventional DRAMs.


Similar Part No. - HYB39S256400T-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DC-6 INFINEON-HYB39S256400DC-6 Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DC-6 INFINEON-HYB39S256400DC-6 Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
HYB39S256400DC-7 INFINEON-HYB39S256400DC-7 Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DC-7 INFINEON-HYB39S256400DC-7 Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
More results

Similar Description - HYB39S256400T-10

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com