Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9717 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9717
Description  High reliability, surface-mount ceramic package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9717 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9717_11 Datasheet HTML 1Page - Hamamatsu Corporation S9717_11 Datasheet HTML 2Page - Hamamatsu Corporation S9717_11 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Si APD
S9717 series
2
Spectral response
Dark current vs. reverse voltage
WAVELENGTH (nm)
(Typ. Ta=25 °C,
λ=800 nm)
200
400
600
800
1000
40
20
0
50
30
10
M=100
M=50
REVERSE VOLTAGE (V)
0
50
100
150
200
1 pA
100 pA
1 nA
(Typ. Ta
=25 °C)
10 pA
S9717-05K/-05L
S9717-02K
KAPDB0020EB
KAPDB0101EA
Gain vs. reverse voltage
80
120
100
140
160
180
1
10
100
1000
10000
REVERSE VOLTAGE (V)
(Typ.
λ=800 nm)
-20 °C
0 °C
20 °C
40 °C
60 °C
KAPDB0017EC


Similar Part No. - S9717_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9717-02K HAMAMATSU-S9717-02K Datasheet
125Kb / 2P
   Si APD High reliability, surface-mount ceramic package
S9717-05K HAMAMATSU-S9717-05K Datasheet
125Kb / 2P
   Si APD High reliability, surface-mount ceramic package
S9717-05L HAMAMATSU-S9717-05L Datasheet
125Kb / 2P
   Si APD High reliability, surface-mount ceramic package
More results

Similar Description - S9717_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9717 HAMAMATSU-S9717 Datasheet
125Kb / 2P
   Si APD High reliability, surface-mount ceramic package
logo
Seme LAB
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM_02 Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
1N5711CSM SEME-LAB-1N5711CSM Datasheet
12Kb / 1P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
TXC Corporation.
9HT11 TXC-9HT11 Datasheet
990Kb / 1P
   Ceramic surface mount package.
logo
Seme LAB
SML09GB22U2C SEME-LAB-SML09GB22U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODES IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML17GB15U2C SEME-LAB-SML17GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
1N5221B-LCC3 SEME-LAB-1N5221B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML11GB15U2C SEME-LAB-SML11GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com