Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S8866-64 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part No. S8866-64
Description  Photodiode array combined with signal processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

S8866-64 Datasheet(HTML) 2 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Photodiode arrays with ampli er
S8866-64/-128
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage
Vdd
-0.3 to +6
V
Reference voltage
Vref
-0.3 to +6
V
Photodiode voltage
Vpd
-0.3 to +6
V
Gain selection terminal voltage
Vgain
-0.3 to +6
V
Master/slave selection voltage
Vms
-0.3 to +6
V
Clock pulse voltage
V(CLK)
-0.3 to +6
V
Reset pulse voltage
V(RESET)
-0.3 to +6
V
External start pulse voltage
V(EXTSP)
-0.3 to +6
V
Operating temperature*2
Topr
-5 to +60
°C
Storage temperature
Tstg
-10 to +70
°C
*
2: No condensation
2
Recommended terminal voltage
Electrical characteristics [Ta=25 °C, Vdd=5 V, V(CLK)=V(RESET)=5 V]
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vdd
4.75
5
5.25
V
Reference voltage
Vref
4
4.5
4.6
V
Photodiode voltage
Vpd
-
Vref
-
V
Gain selection terminal voltage
High gain
Vgain
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low gain
0
-
0.4
V
Master/slave selection voltage
High level*3
Vms
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low level*4
0-
0.4
V
Clock pulse voltage
High level
V(CLK)
3.3
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
V
Reset pulse voltage
High level
V(RESET)
3.3
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
V
External start pulse voltage
High level
V(EXTSP)
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
V
*
3: Parallel
*
4: Serial at 2nd or later stages
Parameter
Symbol
S8866-64
S8866-128
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Clock pulse frequency*5
f(CLK)
40
-
2000
40
-
2000
kHz
Line rate
LR
-
7800
-
-
3900
-
lines/s
Output impedance
Zo
-
3
-
-
3
-
Power consumption
P
-
100
-
-
180
-
mW
Charge amp feedback capacitance
High gain
Cf
-0.5
-
-
0.5-
pF
Low gain
-
1
-
-
1
-
*
5: Video data rate is 1/4 of clock pulse frequency f(CLK).


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn