Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S8866-64 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. S8866-64
Description  Photodiode array combined with signal processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

S8866-64 Datasheet(HTML) 1 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Photodiode arrays with ampli er
Photodiode array combined with signal
processing IC
S8866-64/-128
www.hamamatsu.com
Structure
Parameter
Symbol*1
S8866-64
S8866-128
Unit
Element pitch
P
1.6
0.8
mm
Element diffusion width
W
1.5
0.7
mm
Element height
H
1.6
0.8
mm
Number of elements
-
64
128
-
Effective photosensitive area length
-
102.4
102.4
mm
Board material
-
Ceramic
-
*
1: Refer to following gure.
Enlarged drawing of photosensitive area
KMPDC0072EA
The S8866-64 and S8866-128 are Si photodiode arrays combined with a signal processing IC chip. The signal processing IC
chip is formed by CMOS process and incorporates a timing generator, shift register, charge ampli er array, clamp circuit and
hold circuit, making the external circuit con guration simple. For X-ray detection applications, types (S8866-64G-02, S8866-
128G-02) with phosphor sheet af xed on the photosensitive area are also available.
1
W
P
Photodiode
Features
Applications
Large element pitch: 2 types available
S8866-64: 1.6 mm pitch × 64 ch
S8866-128: 0.8 mm pitch × 128 ch
5 V power supply operation
Simultaneous integration by using a charge ampli er array
Sequential readout with a shift register
(Data rate: 500 kHz max.)
Low dark current due to zero-bias photodiode operation
Integrated clamp circuit allows low noise and wide dynamic range
Integrated timing generator allows operation at two
different pulse timings
Long and narrow line sensors


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn