Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S8866-64 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part No. S8866-64
Description  Photodiode array combined with signal processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

S8866-64 Datasheet(HTML) 9 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Photodiode arrays with ampli er
S8866-64/-128
[Figure 1] Connection example (parallel readout)
Readout circuit
Check that pulse signals meet the required pulse conditions before supplying them to the input terminals.
Video output should be ampli ed by an operational ampli er that is connected close to the sensor.
Setting for each readout method
Set to A in the table below in most cases.
To serially read out signals from two or more sensors linearly connected, set the 1st sensor to A and the 2nd or later sensors to B.
The CLK and RESET pulses should be shared with each sensor and the video output terminal of each sensor connected together.
Setting
Readout method
Vms
EXTSP
A
All stages of parallel readout, serial readout at 1st sensor
Vdd
Vdd
B
Serial readout at 2nd and later sensors
GND
Preceding sensor EOS should be input
Vgain
+4.5 V
EOS
+5 V
10
μF0.1 μF
Trig
CLK
RESET
Video
-
+
High impedance amplifier
Vpd
Vgain
Vref
Video
EOS
GND
Vdd
Vms
EXTSP
Trig
CLK
RESET
12
11
10
9
8
7
6
5
4
3
2
1
KMPDC0288EA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn